Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

UT1553B Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

No. de Pieza. UT1553B
Descripción  RTI Remote Terminal Interface
Descarga  52 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  ETC [List of Unclassifed Manufacturers]
Página de inicio  
Logo 

UT1553B Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

 
Zoom Inzoom in Zoom Outzoom out
 1 / 52 page
background image
RTI-1
FEATURES
Ë Complete MIL-STD-1553B Remote Terminal
interface compliance
Ë Dual-redundant data bus operation supported
Ë Internal illegalization of selected mode code
commands
Ë External illegal command definition capability
Ë Automatic DMA control and address generation
Ë Operational status available via dedicated lines or
internal status register
Ë ASD/ENASC (formerly SEAFAC) tested and
approved
Ë Available in ceramic 84-lead leadless chip carrier and
84-pin pingrid array
Ë Full military operating temperature range, -55
°C to
+125
°C, screened to the specific test methods listed in
Table I of MIL-STD-883, Method 5004, Class B
Ë JAN-qualified devices available
Figure 1. UT1553B RTI Functional Block Diagram
IN
A
OUT
IN
B
OUT
DECODER
CHANNEL
A
DECODER
CHANNEL
B
ENCODER
MUX
16
MODE CODE/
SUB ADDRESS
COMMAND
RECOGNITION
LOGIC
CONTROL
AND
ERROR LOGIC
DATA
TRANSFER
LOGIC
ILLEGAL
COMMAND
MEMORY
ADDRESS
CONTROL
TIMEOUT
CLOCK AND
RESET LOGIC
2MHz
DATA I/O BUS
OUTPUT EN
MEMORY
ADDRESS
OUTPUTS
CONTROL
INPUTS
HOST
SYSTEM
ADDRESS
INPUTS
CONTROL
OUTPUTS
TIMERON
12MHz
RESET
UT1553B RTI Remote Terminal Interface


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn