Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DLBM-CR320 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

No. de pieza DLBM-CR320
Descripción Electrónicos  A Class 2 V2.0EDR Bluetooth HCI module suitable for various (mobile phones) applications
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC - List of Unclassifed Manufacturers

DLBM-CR320 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  DLBM-CR320 Datasheet HTML 1Page - List of Unclassifed Manufacturers DLBM-CR320 Datasheet HTML 2Page - List of Unclassifed Manufacturers DLBM-CR320 Datasheet HTML 3Page - List of Unclassifed Manufacturers DLBM-CR320 Datasheet HTML 4Page - List of Unclassifed Manufacturers DLBM-CR320 Datasheet HTML 5Page - List of Unclassifed Manufacturers DLBM-CR320 Datasheet HTML 6Page - List of Unclassifed Manufacturers DLBM-CR320 Datasheet HTML 7Page - List of Unclassifed Manufacturers DLBM-CR320 Datasheet HTML 8Page - List of Unclassifed Manufacturers DLBM-CR320 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Preliminary
DLBM-CR3 20
Data Sheet
Mar 9, 2005
Proprietary Information and Specifications are Subject to Change
7.RF Characteristics
Operating Condition: +25℃, VDD=1.8V
RF Characteristics
Min.
Typ.
Max.
Unit
1. Fequency Range
2400 ~ 2483.5
MHz
2. Output Power
-6
0
4
dBm
3. Sensitivity at 0.1% BER
1) 2402MHz
-70
-80
dBm
2) 2441MHz
-70
-80
dBm
3) 2480MHz
-70
-80
dBm
4. Maximum Input Level (BER≦0.1%)
-20
0
dBm
5. Adjacent channel selectivity
1) C/I F=F0 + 1MHz
-4
0
dB
2) C/I F=F0 - 1MHz
-4
0
dB
3) C/I F=F0 + 2MHz
-35
-30
dB
4) C/I F=F0 - 2MHz
-21
-20
dB
5) C/I F≧F0 + 3MHz
-45
dB
6) C/I F≦F0 - 5MHz
-45
dB
7) C/I F=FImage
-18
-9
dB
6. Adjacent channel transmit power
1) F=F0 ± 2MHz
-35
-20
dBc
2) F=F0 ± 3MHz
-55
-40
dBc
7. Modulation Characteristics
1) Modulation Δf1avg
140
165
175
kHz
2) Modulation Δf2max
115
155
kHz
8. Initial Carrier Frequency Tolerance
1) 2402MHz
-75
16
75
kHz
2) 2441MHz
-75
13
75
kHz


Número de pieza similar - DLBM-CR320

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Delta Electronics, Inc.
DLBM-CA120 DELTA-DLBM-CA120 Datasheet
199Kb / 17P
   A Class 2 Bluetooth module suitable for wireless Audio applications. (16, 64Kbit EEPROM)
DLBM-CA121 DELTA-DLBM-CA121 Datasheet
199Kb / 17P
   A Class 2 Bluetooth module suitable for wireless Audio applications. (16, 64Kbit EEPROM)
DLBM-CF120 DELTA-DLBM-CF120 Datasheet
246Kb / 13P
   Bluetooth Module Class 2
DLBM-CF121 DELTA-DLBM-CF121 Datasheet
246Kb / 13P
   Bluetooth Module Class 2
DLBM-CF121-MT00 DELTA-DLBM-CF121-MT00 Datasheet
392Kb / 39P
   A Class 2 Bluetooth module suitable for various applications.
More results

Descripción similar - DLBM-CR320

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Delta Electronics, Inc.
DLBM-CS220 DELTA-DLBM-CS220 Datasheet
93Kb / 11P
   A Class 2 Bluetooth V1.2 HCI module Suitable for various applications.
logo
HANAMICRON
HBH2X1M HANAMICRON-HBH2X1M Datasheet
239Kb / 16P
   Bluetooth V2.0 EDR Class 2 Module
logo
Delta Electronics, Inc.
DLBM-CF121-MT00 DELTA-DLBM-CF121-MT00 Datasheet
392Kb / 39P
   A Class 2 Bluetooth module suitable for various applications.
logo
List of Unclassifed Man...
DFBM-CF320 ETC2-DFBM-CF320 Datasheet
142Kb / 11P
   A Class 2 Bluetooth module compliant with Bluetooth Specification V2.0EDR for various application
F1E21 ETC2-F1E21 Datasheet
839Kb / 14P
   BLUETOOTH V2.0 EDR CLASS 2 MODULE
logo
HANAMICRON
HBH1X1M HANAMICRON-HBH1X1M Datasheet
251Kb / 17P
   Bluetooth V2.0 EDR Class 1 Module
logo
List of Unclassifed Man...
DFBM-CM221 ETC1-DFBM-CM221 Datasheet
379Kb / 9P
   A Class 2 Bluetooth module suitable for MP3 applications.
logo
DB Lectro Inc
SD1000U DBLECTRO-SD1000U Datasheet
333Kb / 2P
   Bluetooth Specification v2.0 EDR Class 1
BCD210 DBLECTRO-BCD210 Datasheet
375Kb / 2P
   Bluetooth v2.0 EDR specification
BCD110V3 DBLECTRO-BCD110V3 Datasheet
683Kb / 2P
   Bluetooth v2.0EDR specification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com