Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

NTE7100 Datasheet(PDF) 1 Page - NTE Electronics

No. de pieza NTE7100
Descripción Electrónicos  Integrated Circuit Protector IC for Stereo Power Amplifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NTE [NTE Electronics]
Página de inicio  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE7100 Datasheet(HTML) 1 Page - NTE Electronics

  NTE7100 Datasheet HTML 1Page - NTE Electronics NTE7100 Datasheet HTML 2Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NTE7100
Integrated Circuit
Protector IC for Stereo Power Amplifier
Description:
The NTE7100 is a monolithic integrated circuit in an 8–Lead SIP type package designed for protecting
stereo power amplifiers and loudspeakers.
Features:
D Work Stably Within a Wide Power Supply Range: VCC = 25V to 60V
D Contains a Relay Driver: I6 = 80mA max
D Pin3 can be used for Either a Latching Function or Automatic Resetting Function (In Both
Overload Detection and Output Offset Detection, Either Function can be Selected)
D Single Power Supply
D Both Positive and Negative Output Offset can be Detected Through the Same Pin (Output Off-
set Detection Through Pin2)
D AC Voltage can be Detected (For AC–Power–OFF Mute Through Pin4)
D The Time Delay from Amplifier Power ON to Relay ON can be Freely Set by Selecting External
Components. (For AC–Power–ON Mute Through Pin7)
Absolute Maximum Ratings: (TA = +25°C unless otherwise specified)
Power Supply Voltage, VCC
60V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Allowable Power Dissipation (TA = +75°C), PD
320mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Maximum Voltage At:
Pin4, V4max
10V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Pin8, V8max
8V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Pin7, V7max
8V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Maximum Current At:
Pin6, I6max
80mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Pin1, I1max
3mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Pin2, I2max
±3mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Temperature Range, Topr
–20
° to +75°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature Range, Tstg
–40
° to +125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Recommended Operating Conditions:
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Supply Voltage
VCC
25
45
60
V


Número de pieza similar - NTE7100

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NTE Electronics
NTE7101 NTE-NTE7101 Datasheet
22Kb / 2P
   Integrated Circuit AF Power Amplifier, 7W
NTE7102 NTE-NTE7102 Datasheet
26Kb / 3P
   Integrated Circuit Dual Audio Power Amplifier, 5.5W/Ch (20W BTL)
NTE7103 NTE-NTE7103 Datasheet
23Kb / 2P
   Integrated Circuit 50W to 80W Power Amplifier, Driver
NTE7104 NTE-NTE7104 Datasheet
24Kb / 3P
   Integrated Circuit Vertical Deflection Output Circuit w/Drive Circuit for CRT Display
NTE7105 NTE-NTE7105 Datasheet
74Kb / 3P
   Integrated Circuit Dual 10W 10W Stereo Amplifier
More results

Descripción similar - NTE7100

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NEC
UPC1237 NEC-UPC1237 Datasheet
1Mb / 10P
   PROTECTOR IC FOR STEREO POWER AMPLIFIER
logo
Unisonic Technologies
UPC1237 UTC-UPC1237_15 Datasheet
212Kb / 5P
   PROTECTOR IC FOR STEREO POWER AMPLIFIER
UPC1237 UTC-UPC1237 Datasheet
201Kb / 5P
   PROTECTOR IC FOR STEREO POWER AMPLIFIER
logo
Shenzhen Huazhimei Semi...
HM2025 HMSEMI-HM2025 Datasheet
490Kb / 4P
   stereo audio power amplifier integrated circuit
logo
NTE Electronics
NTE1215 NTE-NTE1215 Datasheet
79Kb / 2P
   Integrated Circuit Stereo Equalizer Amplifier
NTE1388 NTE-NTE1388 Datasheet
23Kb / 3P
   Integrated Circuit Audio Power Amplifier, 5.8W, for Car Radio, Car Stereo
NTE15005E NTE-NTE15005E Datasheet
22Kb / 2P
   Integrated Circuit Protector
NTE15005E NTE-NTE15005E_09 Datasheet
54Kb / 2P
   Integrated Circuit Protector
NTE7053 NTE-NTE7053 Datasheet
24Kb / 3P
   Integrated Circuit 22W Bridge-Stereo Amplifier for Car Radio
NTE1390 NTE-NTE1390 Datasheet
23Kb / 3P
   Integrated Circuit Audio Power Amplifier, 12W for Car Radio or Car Stereo
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com