Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SN74AUP1G58DBVR Datasheet(PDF) 2 Page - Texas Instruments |
|
|
SN74AUP1G58DBVR Datasheet(HTML) 2 Page - Texas Instruments |
2 / 18 page www.ti.com DESCRIPTION/ORDERING INFORMATION (CONTINUED) 3 1 6 In2 In1 In0 4 Y SN74AUP1G58 LOW-POWER CONFIGURABLE MULTIPLE-FUNCTION GATE SCES504D – NOVEMBER 2003 – REVISED JUNE 2005 The SN74AUP1G58 features configurable multiple functions. The output state is determined by eight patterns of 3-bit input. The user can choose the logic functions AND, OR, NAND, NOR, XNOR, inverter, and noninverter. All inputs can be connected to VCC or GND. The device functions as an independent gate with Schmitt-trigger inputs, which allow for slow input transition and better switching noise immunity at the input. NanoStar™ and NanoFree™ package technology is a major breakthrough in IC packaging concepts, using the die as the package. This device is fully specified for partial-power-down applications using Ioff. The Ioff circuitry disables the outputs, preventing damaging current backflow through the device when it is powered down. FUNCTION TABLE INPUTS OUTPUT Y In2 In1 In0 L L L L L L H H L H L L L H H H H L L H H L H H H H L L H H H L LOGIC DIAGRAM (POSITIVE LOGIC) 2 |
Número de pieza similar - SN74AUP1G58DBVR |
|
Descripción similar - SN74AUP1G58DBVR |