Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FM25L256 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

No. de pieza FM25L256
Descripción Electrónicos  256Kb FRAM Serial 3V Memory
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC - List of Unclassifed Manufacturers

FM25L256 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  FM25L256 Datasheet HTML 1Page - List of Unclassifed Manufacturers FM25L256 Datasheet HTML 2Page - List of Unclassifed Manufacturers FM25L256 Datasheet HTML 3Page - List of Unclassifed Manufacturers FM25L256 Datasheet HTML 4Page - List of Unclassifed Manufacturers FM25L256 Datasheet HTML 5Page - List of Unclassifed Manufacturers FM25L256 Datasheet HTML 6Page - List of Unclassifed Manufacturers FM25L256 Datasheet HTML 7Page - List of Unclassifed Manufacturers FM25L256 Datasheet HTML 8Page - List of Unclassifed Manufacturers FM25L256 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
FM25L256
Rev. 2.0
Apr. 2005
Page 3 of 14
Overview
The FM25L256 is a serial FRAM memory. The
memory array is logically organized as 32,768 x 8
and is accessed using an industry standard Serial
Peripheral Interface or SPI bus. Functional operation
of the FRAM is similar to serial EEPROMs. The
major difference between the FM25L256 and a serial
EEPROM with the same pinout is the FRAM’s
superior write performance and power consumption.
Memory Architecture
When accessing the FM25L256, the user addresses
32K locations of 8 data bits each. These data bits are
shifted serially. The addresses are accessed using the
SPI protocol, which includes a chip select (to permit
multiple devices on the bus), an op-code, and a two-
byte address. The upper bit of the address range is a
“don’t care” value. The complete address of 15-bits
specifies each byte address uniquely.
Most
functions
of
the
FM25L256
either
are
controlled by the SPI interface or are handled
automatically by on-board circuitry. The access time
for memory operation is essentially zero, beyond the
time needed for the serial protocol. That is, the
memory is read or written at the speed of the SPI bus.
Unlike an EEPROM, it is not necessary to poll the
device for a ready condition since writes occur at bus
speed. So, by the time a new bus transaction can be
shifted into the device, a write operation will be
complete. This is explained in more detail in the
interface section.
Users expect several obvious system benefits from
the FM25L256 due to its fast write cycle and high
endurance as compared to EEPROM. In addition
there are less obvious benefits as well. For example
in a high noise environment, the fast-write operation
is less susceptible to corruption than an EEPROM
since it is completed quickly. By contrast, an
EEPROM
requiring
milliseconds
to
write
is
vulnerable to noise during much of the cycle.
Note that the FM25L256 contains no power
management circuits other than a simple internal
power-on
reset
circuit.
It
is
the
user’s
responsibility
to
ensure
that
VDD is within
datasheet
tolerances
to
prevent
incorrect
operation. It is recommended that the part is not
powered down with chip enable active.
Serial Peripheral Interface – SPI Bus
The FM25L256 employs a Serial Peripheral Interface
(SPI) bus. It is specified to operate at speeds up to 25
MHz. This high-speed serial bus provides high
performance
serial
communication
to
a
host
microcontroller.
Many common
microcontrollers
have hardware SPI ports allowing a direct interface.
It is quite simple to emulate the port using ordinary
port pins for microcontrollers that do not. The
FM25L256 operates in SPI Mode 0 and 3.
The SPI interface uses a total of four pins: clock,
data-in, data-out, and chip select. A typical system
configuration uses one or more FM25L256 devices
with a microcontroller that has a dedicated SPI port,
as Figure 2 illustrates. Note that the clock, data-in,
and data-out pins are common among all devices.
The Chip Select and Hold pins must be driven
separately for each FM25L256 device.
For a microcontroller that has no dedicated SPI bus, a
general purpose port may be used. To reduce
hardware resources on the controller, it is possible to
connect the two data pins together and tie off the
Hold pin. Figure 3 shows a configuration that uses
only three pins.
Protocol Overview
The SPI interface is a synchronous serial interface
using clock and data pins. It is intended to support
multiple devices on the bus. Each device is activated
using a chip select. Once chip select is activated by
the bus master, the FM25L256 will begin monitoring
the clock and data lines. The relationship between the
falling edge of /CS, the clock and data is dictated by
the SPI mode. The device will make a determination
of the SPI mode on the falling edge of each chip
select. While there are four such modes, the
FM25L256 supports only modes 0 and 3. Figure 4
shows the required signal relationships for modes 0
and 3.
For both modes, data is clocked into the
FM25L256 on the rising edge of SCK and data is
expected on the first rising edge after /CS goes
active. If the clock starts from a high state, it will fall
prior to the first data transfer in order to create the
first rising edge.
The SPI protocol is controlled by op-codes. These
op-codes specify the commands to the device. After
/CS is activated the first byte transferred from the bus
master is the op-code. Following the op-code, any
addresses and data are then transferred. Note that the
WREN and WRDI op-codes are commands with no
subsequent data transfer.
Important: The /CS must go inactive after an
operation is complete and before a new op-code
can be issued. There is one valid op-code only per
active chip select.


Número de pieza similar - FM25L256

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Ramtron International C...
FM25L256 RAMTRON-FM25L256 Datasheet
148Kb / 14P
   256Kb FRAM Serial 3V Memory - Extended Temp
FM25L256-DG RAMTRON-FM25L256-DG Datasheet
148Kb / 14P
   256Kb FRAM Serial 3V Memory - Extended Temp
FM25L256-G RAMTRON-FM25L256-G Datasheet
148Kb / 14P
   256Kb FRAM Serial 3V Memory - Extended Temp
FM25L256-S RAMTRON-FM25L256-S Datasheet
148Kb / 14P
   256Kb FRAM Serial 3V Memory - Extended Temp
FM25L256B RAMTRON-FM25L256B Datasheet
148Kb / 14P
   256Kb FRAM Serial 3V Memory
More results

Descripción similar - FM25L256

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Ramtron International C...
FM25L256B RAMTRON-FM25L256B Datasheet
148Kb / 14P
   256Kb FRAM Serial 3V Memory
FM25L256 RAMTRON-FM25L256 Datasheet
148Kb / 14P
   256Kb FRAM Serial 3V Memory - Extended Temp
FM24C256 RAMTRON-FM24C256_05 Datasheet
98Kb / 12P
   256Kb FRAM Serial Memory
logo
List of Unclassifed Man...
FM24C256 ETC1-FM24C256 Datasheet
102Kb / 13P
   256Kb FRAM Serial Memory
FM25256 ETC-FM25256 Datasheet
120Kb / 13P
   256Kb FRAM Serial 5V Memory
logo
Ramtron International C...
FM25256B RAMTRON-FM25256B Datasheet
134Kb / 13P
   256Kb FRAM Serial 5V Memory
logo
List of Unclassifed Man...
FM25W256 ETC1-FM25W256 Datasheet
142Kb / 13P
   256Kb FRAM Wide Voltage Serial Memory
logo
Ramtron International C...
FM25L512 RAMTRON-FM25L512 Datasheet
163Kb / 13P
   512Kb FRAM Serial 3V Memory
FM25L16 RAMTRON-FM25L16_06 Datasheet
146Kb / 14P
   16Kb FRAM Serial 3V Memory
FM25CL64 RAMTRON-FM25CL64 Datasheet
131Kb / 13P
   64Kb FRAM Serial 3V Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com