Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FMM300-0055P Datasheet(PDF) 2 Page - IXYS Corporation

No. de pieza FMM300-0055P
Descripción Electrónicos  Trench Power MOSFET
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IXYS [IXYS Corporation]
Página de inicio  http://www.ixys.com
Logo IXYS - IXYS Corporation

FMM300-0055P Datasheet(HTML) 2 Page - IXYS Corporation

  FMM300-0055P Datasheet HTML 1Page - IXYS Corporation FMM300-0055P Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2 - 2
© 2004 IXYS All rights reserved
FMM 300-0055P
Dimensions in mm (1 mm = 0.0394")
Component
Symbol
Conditions
Maximum Ratings
I
RMS
per pin
75
A
T
VJ
-55...+175
°C
T
stg
-55...+125
°C
V
ISOL
I
ISOL ≤ 1 mA; 50/60 Hz
2500
V~
F
C
mounting force with clip
20...120
N
Symbol
Conditions
Characteristic Values
min.
typ.
max.
R
pin - chip
0.5
m
C
p
coupling capacity between shorted
40
pF
pins and mounting tab in the case
d
S,dA
pin - pin
1.7
mm
d
S,dA
pin - backside metal
5.5
mm
Weight
9g


Número de pieza similar - FMM300-0055P

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Eudyna Devices Inc
FMM3117VN EUDYNA-FMM3117VN Datasheet
505Kb / 8P
   12.5Gbps Dual-drive LN Modulator Driver IC
More results

Descripción similar - FMM300-0055P

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
NTR4101P ONSEMI-NTR4101P_16 Datasheet
81Kb / 5P
   Trench Power MOSFET
October, 2016 ??Rev. 12
logo
ZP Semiconductor
NTR4101P ZPSEMI-NTR4101P Datasheet
232Kb / 2P
   Trench Power MOSFET
logo
ON Semiconductor
NTJS3151P ONSEMI-NTJS3151P_16 Datasheet
73Kb / 5P
   Trench Power MOSFET
June, 2016 ??Rev. 4
logo
IXYS Corporation
FMM140-004PL IXYS-FMM140-004PL Datasheet
32Kb / 2P
   Trench Power MOSFET
FMM200-004PL IXYS-FMM200-004PL Datasheet
46Kb / 2P
   Trench Power MOSFET
IXUC160N075 IXYS-IXUC160N075 Datasheet
55Kb / 2P
   Trench Power MOSFET
FMM65-015P IXYS-FMM65-015P Datasheet
30Kb / 2P
   Trench Power MOSFET
logo
ON Semiconductor
NTJS3157N ONSEMI-NTJS3157N_13 Datasheet
111Kb / 6P
   Trench Power MOSFET
January, 2013 ??Rev. 3
logo
IXYS Corporation
FMM200-0075P IXYS-FMM200-0075P Datasheet
116Kb / 2P
   Trench Power MOSFET
logo
ON Semiconductor
NTMD4102PR2 ONSEMI-NTMD4102PR2 Datasheet
47Kb / 4P
   Trench Power MOSFET
March, 2003 - Rev. 0
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com