Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

APA2177 Datasheet(PDF) 7 Page - Anpec Electronics Coropration

No. de Pieza. APA2177
Descripción  25mW Stereo Cap-Free Headphone Driver
Descarga  22 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  ANPEC [Anpec Electronics Coropration]
Página de inicio  http://www.anpec.com.tw
Logo 

APA2177 Datasheet(HTML) 7 Page - Anpec Electronics Coropration

Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.3 - Nov., 2017
APA2177
www.anpec.com.tw
7
Typical Operating Characteristics
THD+N vs. Frequency
Frequency (Hz)
20
20k
100
1k
10k
0.001
0.01
0.1
1
R
RR
R
R
RR
RR
R
R
RL=32
VDD=3.6V
Po=1mW
Po=20mW
Po=10mW
THD+N vs. Frequency
Frequency (Hz)
20
20k
100
1k
10k
0.001
0.01
0.1
1
R
RR
R
R
RR
RR
R
R
Po=20mW
Po=1mW
Po=10mW
RL=32
VDD=5.5V
Vdd(V)
OUTPUT POWER VS SUPPLY
VOLTAGE
2.5
5.5
3.5
4.5
0
50
5
25
40
3
4
5
10
15
20
30
35
45
THD+N=10%
THD+N=1%
RL=32
PSRR VS Frequency
Frequency (Hz)
T
T
T
T
T
T
T
T
TT
T
T
T
T
T
T
T
T
T
T
T
T
T
T
T
T
T
T
T
T
T
T
T
T
T
T
T
T
T
T
T
T
T
T
T
T
T
T
T
T
T
T
T
T
TT
T
T
T
T
T
T
T
T
T
T
T
T
T
T
T
T
T
T
T
T
T
T
T
RL=16
Vrr=0.2Vpp
VDD=5.5V
VDD=2.4V
VDD=3.6V
-120
-50
-90
-80
-70
20
20k
100
1k
10k
-110
-100
-60
OUTPUT VOLTAGE VS SUPPLY
VOLTAGE
VDD-Supply Voltage(V)
2.5
5.5
3.5
4.5
0
2
0.2
1
1.6
3
4
5
0.4
0.6
0.8
1.2
1.4
1.8
RL=32
RL=16
f=1kHz
THD+N=1%
RL=600
Vdd(V)
OUTPUT POWER VS SUPPLY
VOLTAGE
2.5
5.5
3.5
4.5
0
50
5
25
40
3
4
5
10
15
20
30
35
45
THD+N=10%
THD+N=1%
RL=16


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn