Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

APA2177 Datasheet(PDF) 9 Page - Anpec Electronics Coropration

No. de Pieza. APA2177
Descripción  25mW Stereo Cap-Free Headphone Driver
Descarga  22 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  ANPEC [Anpec Electronics Coropration]
Página de inicio  http://www.anpec.com.tw
Logo 

APA2177 Datasheet(HTML) 9 Page - Anpec Electronics Coropration

Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.3 - Nov., 2017
APA2177
www.anpec.com.tw
9
Typical Operating Characteristics
10
80
20
30
40
50
60
70
0
35
5
10
30
Supply Current vs. Output Power
Output Power(mW)
0
15
20
25
90
100
RL=16
f=1kHz
VDD=5.5V
VDD=2.4V
VDD=3.6V
Supply Current vs. Output Power
10
80
20
30
40
50
60
70
0
35
5
10
30
0
15
20
25
90
100
Output Power(mW)
RL=32
f=1kHz
VDD=5.5V
VDD=2.4V
VDD=3.6V
HI-Z Output Impedance vs.
Frequency
0
5
10
15
20
25
30
40
10
100
1000
10k
100k
1M
Frequency(Hz)
35
-160
0
400
800
1.2k
1.6k
2k
Frequency(Hz)
GSM Power Supply Rejection vs.
Frequency
-140
-120
-100
-100
-80
-60
-40
-20


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn