Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

APA2177 Datasheet(PDF) 12 Page - Anpec Electronics Coropration

No. de Pieza. APA2177
Descripción  25mW Stereo Cap-Free Headphone Driver
Descarga  22 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  ANPEC [Anpec Electronics Coropration]
Página de inicio  http://www.anpec.com.tw
Logo 

APA2177 Datasheet(HTML) 12 Page - Anpec Electronics Coropration

Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.3 - Nov., 2017
APA2177
www.anpec.com.tw
12
Typical Application Circuit
Single-Ended Input
Differential Input
Shutdown Control
1
µF
0.68
µF
ROUT-
AUDIO
DAC
CCPF
CCPO
Ci1
1
µF
Control
Power
and
Depop
Circuit
ROUT
RIN-
SDN
Charge
Pump
VDD
CPP
CPN
HPVSS
GND
HPVDD
RIN+
HPVDD
Resistor
Array
LOUT
LIN-
LIN+
Resistor
Array
GAIN
HI-Z
0.68
µF
Ci2
ROUT+
0.68
µF
LOUT-
Ci3
0.68
µF
Ci4
LOUT+
Gain Control
HI-Z Control
CCPB
2.2
µF
CS
2.2
µF
Headphone Jack
GND
SGND
Shutdown Control
1
µF
1µF
ROUT
AUDIO
DAC
CCPF
CCPO
Ci1
1
µF
Control
Power
and
Depop
Circuit
ROUT
RIN-
SDN
Charge
Pump
CPP
CPN
HPVSS
GND
HPVDD
RIN+
HPVDD
Resistor
Array
LOUT
LIN-
LIN+
Resistor
Array
GAIN
HI-Z
1µF
LOUT
Ci3
Gain Control
HI-Z Control
CCPB
2.2
µF
CS
2.2
µF
Headphone Jack
VDD
SGND
GND


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn