Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

APA2177 Datasheet(PDF) 15 Page - Anpec Electronics Coropration

No. de Pieza. APA2177
Descripción  25mW Stereo Cap-Free Headphone Driver
Descarga  22 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  ANPEC [Anpec Electronics Coropration]
Página de inicio  http://www.anpec.com.tw
Logo 

APA2177 Datasheet(HTML) 15 Page - Anpec Electronics Coropration

Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.3 - Nov., 2017
APA2177
www.anpec.com.tw
15
Application Information
Layout Recommendation
0.4mm
0.4mm
16 x Φ0.25mm
Figure : WLCSP-16 land pattern recommendation
1. All components should be placed close to the APA2177.
For example, the input capacitor (CiR, CiL) should be
close to APA2177 input pins to avoid causing noise
coupling to APA2177 high impedance inputs; the
decoupling capacitor (CS) should be placed by the
APA2177 power pin to decouple the power rail noise.
2. The output traces should be short, wide (>50mil), and
symmetric.
3. The input trace should be short and symmetric.
4. The power trace width should be greater than 50mil.
5. The input trace and output trace should be away from
CCPF and CCPB possible.
Figure : TQFN3x3-16 Layout Recommendation
1.55mm
0.5mm
0.3mm
1mm
Ground
Plane for
Thermal
PAD
Thermal Via
Diameter
0.3mm X 5
Recommended Minimum Footprint


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn