Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

APA2177 Datasheet(PDF) 16 Page - Anpec Electronics Coropration

No. de Pieza. APA2177
Descripción  25mW Stereo Cap-Free Headphone Driver
Descarga  22 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  ANPEC [Anpec Electronics Coropration]
Página de inicio  http://www.anpec.com.tw
Logo 

APA2177 Datasheet(HTML) 16 Page - Anpec Electronics Coropration

Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.3 - Nov., 2017
APA2177
www.anpec.com.tw
16
Package Information
WLCSP1.6x1.6-16
A
A2
A1
NX
SEATING PLANE
aaa C
b
e/2
e
D
PIN D
S
Y
M
B
O
L
MIN.
MAX.
0.63
0.12
0.20
0.30
1.54
1.60
0.30
A
A1
b
D
E
e
MILLIMETERS
A2
0.27
0.33
0.4 BSC
WLCSP1.6x1.6-16
0.016 BSC
MIN.
MAX.
INCHES
0.025
0.005
0.011
0.013
0.008
0.012
0.061
0.063
0.012
1.54
1.60
0.061
0.063
aaa
0.05
0.002


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn