Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

APA2177 Datasheet(PDF) 17 Page - Anpec Electronics Coropration

No. de Pieza. APA2177
Descripción  25mW Stereo Cap-Free Headphone Driver
Descarga  22 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  ANPEC [Anpec Electronics Coropration]
Página de inicio  http://www.anpec.com.tw
Logo 

APA2177 Datasheet(HTML) 17 Page - Anpec Electronics Coropration

Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.3 - Nov., 2017
APA2177
www.anpec.com.tw
17
Package Information
TQFN3x3-16
D
Pin 1
Pin 1 Corner
D2
e
Note : 1. Followed from JEDEC MO-220 WEED-4.
A
A1
A3
NX
aaa
C
S
Y
M
B
O
L
MIN.
MAX.
0.80
0.00
0.18
0.30
1.50
1.80
0.05
1.50
A
A1
b
D
D2
E
E2
e
L
MILLIMETERS
A3
0.20 REF
TQFN3*3-16
0.30
0.50
1.80
0.008 REF
MIN.
MAX.
INCHES
0.031
0.000
0.007
0.012
0.059
0.071
0.059
0.012
0.020
0.70
0.071
0.028
0.002
0.50 BSC
0.020 BSC
K
0.20
0.008
2.90
3.10
0.114
0.122
2.90
3.10
0.114
0.122
aaa
0.08
0.003


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn