Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

APA2177 Datasheet(PDF) 2 Page - Anpec Electronics Coropration

No. de Pieza. APA2177
Descripción  25mW Stereo Cap-Free Headphone Driver
Descarga  22 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  ANPEC [Anpec Electronics Coropration]
Página de inicio  http://www.anpec.com.tw
Logo 

APA2177 Datasheet(HTML) 2 Page - Anpec Electronics Coropration

 
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.3 - Nov., 2017
APA2177
www.anpec.com.tw
2
Pin Configuration
LIN-
(A4)
X
PIN A1
Date Code
Marking
LIN+
(B4)
RIN+
(C4)
RIN-
(D4)
LOUT
(A3)
HPVDD
(B3)
SGND
(C3)
ROUT
(D3)
VDD
(A2)
CPP
(B2)
HPVSS
(C2)
GAIN
(D2)
SDN
(A1)
GND
(B1)
CPN
(C1)
HI-Z
(D1)
Ordering and Marking Information
Note : ANPEC lead-free products contain molding compounds/die attach materials and 100% matte tin plate termination finish; which
are fully compliant with RoHS. ANPEC lead-free products meet or exceed the lead-free requirements of IPC/JEDEC J-STD-020D for
MSL classification at lead-free peak reflow temperature. ANPEC defines
“Green” to mean lead-free (RoHS compliant) and halogen
free (Br or Cl does not exceed 900ppm by weight in homogeneous material and total of Br and Cl does not exceed 1500ppm by
weight).
APA2177
Package Code
HA: WLCSP-16
Operating Ambient Temperature Range
I : -40 to 85
oC
Handling Code
TR : Tape & Reel
Assembly Material
Assembly Material
Handling Code
Temperature Range
Package Code
APA2177 HA :
A77
X
X - Date Code
G : Halogen and Lead Free Device
QB: TQFN3x3-16
APA2177 QB :
APA
XXXXX
XXXXX - Date Code
2177
Absolute Maximum Ratings (Note 1)
Symbol
Parameter
Rating
Unit
VPGND_GND
PGND to GND Voltage
-0.3 to 0.3
VDD
Supply Voltage (VDD to GND and SGND)
-0.3 to 6.0
HPVDD
Headphone Amplifier Supply Voltage (HPVDD to GND and
SGND)
-0.3 to 2.3
V/SDN
Input Voltage (/SDN to GND)
GND-0.3 to VDD+0.3
VGAIN
Input Voltage (GAIN to GND)
GND-0.3 to VDD+0.3
VHI-Z
Input Voltage (HI-Z to GND)
GND-0.3 to VDD+0.3
HPVSS
HPVSS to GND and SGND Voltage
-2.3 to 0.3
V
APA2177
GND 1
ROUT 2
GAIN 3
HI-Z 4
9 SDN
10 VDD
11 LOUT
12 HPVDD
GND
TQFN3x3-16 (Top View)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn