Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

APA2177 Datasheet(PDF) 4 Page - Anpec Electronics Coropration

No. de pieza APA2177
Descripción Electrónicos  25mW Stereo Cap-Free Headphone Driver
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ANPEC [Anpec Electronics Coropration]
Página de inicio  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APA2177 Datasheet(HTML) 4 Page - Anpec Electronics Coropration

  APA2177_17 Datasheet HTML 1Page - Anpec Electronics Coropration APA2177_17 Datasheet HTML 2Page - Anpec Electronics Coropration APA2177_17 Datasheet HTML 3Page - Anpec Electronics Coropration APA2177_17 Datasheet HTML 4Page - Anpec Electronics Coropration APA2177_17 Datasheet HTML 5Page - Anpec Electronics Coropration APA2177_17 Datasheet HTML 6Page - Anpec Electronics Coropration APA2177_17 Datasheet HTML 7Page - Anpec Electronics Coropration APA2177_17 Datasheet HTML 8Page - Anpec Electronics Coropration APA2177_17 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.3 - Nov., 2017
APA2177
www.anpec.com.tw
4
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Drivers
VGAIN=0V, No Load
-0.95
-1.0
-1.05
AV
Internal Voltage Gain
VGAIN>1.3V, No Load
-1.95
-2.0
-2.05
V/V
△AV
Gain Matching
-
1
-
%
GAIN = 0V(0dB)
-
19.8
-
Input Resistance
GAIN >1.3V(6dB)
-
13.2
-
Ri
Input Resistance in shutdown
SDN = 0V
-
10
-
k
SDN = HI-Z > 1.3 V, fin=10kHz
-
35
-
SDN = HI-Z > 1.3 V, fin=1MHz
-
17
-
k
ZO
Output Impedance
SDN = 0 V (shutdown mode)
-
25
-
VOS
Output Offset Voltage
VDD=2.5V to 5.5V,
RL = 16
-
0.5
-
mV
VN
Output Noise
-
7
-
µV
RMS
fin= 217Hz
-
-90
-
PSRR
Power Supply Rejection Ratio
Vrr=0.2VPP,
RL=16
Ω, input
AC-Ground
fin= 10kHz
-
-80
-
dB
CL
Maximum Capacitive Load
-
220
-
pF
Tstart-up
Start up time
-
4
-
ms
VESD
ESD Protection
OUTR, OUTL
-
8
-
kV
RL=16
-
25
-
PO
Output Power
(Stereo, In Phase)
THD+N=1%,
fin=1kHz
RL=32
-
22
-
mW
VO
Output Voltage
(Stereo, In Phase)
THD+N=1%, fin=1kHz, RL=100
-
1.1
-
VRMS
PO=20mW, RL=16
Ω, f
in=1kHz
-
0.04
-
THD+N
Total Harmonic Distortion
Pulse Noise
PO=25mW, RL=32
Ω, V
DD=5.5V,
fin=1kHz
-
0.02
-
%
Crosstalk
Channel separation
PO=20mW, RL=16
fin=1kHz
-
80
-
Attshutdown
Shutdown Attenuation
fin =1kHz, RL=16
Ω, V
in=1Vrms
-
80
-
S/N
PO=20mW, RL=16
GAIN = 0V(AV=0dB),
With A-weighting Filter
-
95
-
dB
Electrical Characteristics (Cont.)
V
DD=3.6V, VGND=VPGND=0V, V/SDN=VDD, CCPF=CCPO=1µF, Ci=1µF, TA=25
o
C (unless otherwise noted)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn