Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MMP65R280Q Datasheet(PDF) 4 Page - MagnaChip Semiconductor.

No. de pieza MMP65R280Q
Descripción Electrónicos  650V 0.28ohm N-channel MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MGCHIP [MagnaChip Semiconductor.]
Página de inicio  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.

MMP65R280Q Datasheet(HTML) 4 Page - MagnaChip Semiconductor.

  MMP65R280Q Datasheet HTML 1Page - MagnaChip Semiconductor. MMP65R280Q Datasheet HTML 2Page - MagnaChip Semiconductor. MMP65R280Q Datasheet HTML 3Page - MagnaChip Semiconductor. MMP65R280Q Datasheet HTML 4Page - MagnaChip Semiconductor. MMP65R280Q Datasheet HTML 5Page - MagnaChip Semiconductor. MMP65R280Q Datasheet HTML 6Page - MagnaChip Semiconductor. MMP65R280Q Datasheet HTML 7Page - MagnaChip Semiconductor. MMP65R280Q Datasheet HTML 8Page - MagnaChip Semiconductor. MMP65R280Q Datasheet HTML 9Page - MagnaChip Semiconductor. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
MMP65R280Q Datasheet
Jun. 2017 Revision 1.0
MagnaChip Semiconductor Ltd.
4
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Condition
Continuous diode forward current
IS
-
-
13.8
A
Diode forward voltage
VSD
-
-
1.4
V
IS = 13.8A, VGS = 0V
Reverse recovery time
trr
-
377
-
ns
IS = 13.8A
di/dt = 100
A/μs
VDD = 100V
Reverse recovery charge
Qrr
-
5.2
-
uC
Reverse recovery current
Irrm
-
27.6
-
A
 Reverse Diode Characteristics (T
c=25
oC unless otherwise specified)


Número de pieza similar - MMP65R280Q

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
MagnaChip Semiconductor...
MMP65R190P MGCHIP-MMP65R190P Datasheet
1Mb / 10P
   650V 0.19(ohm) N-channel MOSFET
MMP65R190PTH MGCHIP-MMP65R190PTH Datasheet
1Mb / 10P
   650V 0.19(ohm) N-channel MOSFET
logo
Inchange Semiconductor ...
MMP65R190PTH ISC-MMP65R190PTH Datasheet
333Kb / 2P
   isc N-Channel MOSFET Transistor
logo
MagnaChip Semiconductor...
MMP65R380Q MGCHIP-MMP65R380Q Datasheet
1Mb / 10P
   650V 0.38ohm N-channel MOSFET
MMP65R380QTH MGCHIP-MMP65R380QTH Datasheet
1Mb / 10P
   650V 0.38ohm N-channel MOSFET
More results

Descripción similar - MMP65R280Q

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
MagnaChip Semiconductor...
MME65R280QRH MGCHIP-MME65R280QRH Datasheet
2Mb / 10P
   650V 0.28ohm N-channel MOSFET
MMF60R280QTH MGCHIP-MMF60R280QTH Datasheet
1Mb / 10P
   600V 0.28ohm N-channel MOSFET
logo
STMicroelectronics
STU16NB50 STMICROELECTRONICS-STU16NB50 Datasheet
49Kb / 6P
   N-CHANNEL 500V - 0.28ohm - 15.6A-Max220 PowerMESH MOSFET
logo
Bruckewell Technology L...
MSF4N65 BWTECH-MSF4N65 Datasheet
1Mb / 6P
   650V N-Channel MOSFET
logo
GOOD-ARK Electronics
SSF10N65 GOOD-ARK-SSF10N65 Datasheet
1Mb / 7P
   650V N-Channel MOSFET
SSF5NS65UF GOOD-ARK-SSF5NS65UF Datasheet
1Mb / 7P
   650V N-Channel MOSFET
SSF11NS65U GOOD-ARK-SSF11NS65U_15 Datasheet
1Mb / 7P
   650V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFS4N65F SEMIHOW-HFS4N65F Datasheet
204Kb / 7P
   650V N-Channel MOSFET
HFS4N65FS SEMIHOW-HFS4N65FS Datasheet
205Kb / 7P
   650V N-Channel MOSFET
HFD5N65S SEMIHOW-HFD5N65S_15 Datasheet
330Kb / 10P
   650V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com