Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FCS-3056 Datasheet(PDF) 2 Page - Level One

No. de pieza FCS-3056
Descripción Electrónicos  Varifocal Dome IP Network Camera
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LVL1 [Level One]
Página de inicio  http://www.level1.com/
Logo LVL1 - Level One

FCS-3056 Datasheet(HTML) 2 Page - Level One

  FCS-3056_18 Datasheet HTML 1Page - Level One FCS-3056_18 Datasheet HTML 2Page - Level One FCS-3056_18 Datasheet HTML 3Page - Level One FCS-3056_18 Datasheet HTML 4Page - Level One  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Specifications
System Specifications
Standards & Protocols:
IEEE 802.3 10-BASE-T, Ethernet
IEEE 802.3u 100-BASE-TX, Fast Ethernet
IEEE 802.3af Power over Ethernet (PoE)
IEEE 802.1X Network Access Control
TCP, UDP, HTTP, HTTPS, DHCP, PPPoE, RTP, RTSP, IPv6, DNS, DDNS, NTP, ICMP, ARP, IGMP,
SMTP, FTP, UPnP, SNMP, Bonjour
Image Sensor:
3-Megapixel 1/3.2" Progressive Scan CMOS
Lens:
Vari-focal,Manual focus, f2.8-12mm, F1.4
Port:
1 x RJ-45 10/100 Mbps PoE port
1 x terminal block Line in/out
I/O terminal block (1 DI/1 DO)
1 x MicroSDHC/ MicroSDXC card slot
Button/Knob:
Reset Button
Indicator:
Power
IR Cut Filter:
Removable infrared-cut filter for day & night function
IR LED:
15 IR LEDs for illumination up to 30m
Shutter Time:
1/5 ~ 1/10,000 sec
Angle of View:
70.5°-28.2°
Pan/Tilt/Zoom:
Digital Zoom to very high detail available on Software
Video Compression:
H.264 / MJPEG
Resolution:
3M(2048 x 1536)
Output Video Format:
RAW
Audio Compression:
G.711
Power Input:
802.3af PoE
Power Consumption:
PoE Class 2 (IEEE802.3af) / 6.49 W (IR on)
Data Rate:
10/100Mbps
www.level1.com
Page 2 of 4


Número de pieza similar - FCS-3056_18

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Level One
FCS-3056 LVL1-FCS-3056 Datasheet
611Kb / 4P
   Fixed Dome Network Camera
More results

Descripción similar - FCS-3056_18

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Level One
FCS-3082 LVL1-FCS-3082_18 Datasheet
777Kb / 5P
   Varifocal Dome IP Network Camera
FCS-3085 LVL1-FCS-3085 Datasheet
656Kb / 5P
   Varifocal Dome IP Network Camera
FCS-3064 LVL1-FCS-3064_18 Datasheet
810Kb / 5P
   Varifocal Dome IP Network Camera
FCS-3083 LVL1-FCS-3083_18 Datasheet
953Kb / 5P
   Varifocal Dome IP Network Camera
FCS-3055 LVL1-FCS-3055_18 Datasheet
953Kb / 5P
   Varifocal Dome IP Network Camera
FCS-1152 LVL1-FCS-1152_18 Datasheet
464Kb / 4P
   Varifocal IP Network Camera
FCS-1153 LVL1-FCS-1153_18 Datasheet
451Kb / 4P
   Varifocal IP Network Camera, 5-Megapixel
FCS-3065 LVL1-FCS-3065_18 Datasheet
492Kb / 4P
   Fixed Dome IP Network Camera,
FCS-3086 LVL1-FCS-3086 Datasheet
689Kb / 5P
   Fixed Dome IP Network Camera
FCS-3305 LVL1-FCS-3305 Datasheet
245Kb / 3P
   Zoom Dome IP Network Camera
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com