Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

APX9151S Datasheet(PDF) 7 Page - Anpec Electronics Coropration

No. de pieza APX9151S
Descripción Electrónicos  Single-Phase Full-Wave Motor Dr iver with Built - in Hall Sensor
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ANPEC [Anpec Electronics Coropration]
Página de inicio  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APX9151S Datasheet(HTML) 7 Page - Anpec Electronics Coropration

Back Button APX9151S Datasheet HTML 3Page - Anpec Electronics Coropration APX9151S Datasheet HTML 4Page - Anpec Electronics Coropration APX9151S Datasheet HTML 5Page - Anpec Electronics Coropration APX9151S Datasheet HTML 6Page - Anpec Electronics Coropration APX9151S Datasheet HTML 7Page - Anpec Electronics Coropration APX9151S Datasheet HTML 8Page - Anpec Electronics Coropration APX9151S Datasheet HTML 9Page - Anpec Electronics Coropration APX9151S Datasheet HTML 10Page - Anpec Electronics Coropration APX9151S Datasheet HTML 11Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Copy r ight
© ANPEC Electronics Corp.
Rev . A. 4 - Nov . , 2 0 1 7
APX9 1 5 1 S
w w w .anpec.com .t w
7
Block D ia gr a m
Voltage
Regulator
VDD
GND
OUT1
FG
Logic Control
Citcuit
Hall
Plane
Oscillator
OUT2
VDD
PWM
PWM Control
Circuit
Typica l Ap plica t ion Cir cu it
Note: D1 is protect IC when reverse power input, and recommend to use schottky diode with lower Vth for low-voltage operation.
Note: The C1 value is adjusted by motor characteristic.
APX9151S
1
5
2
3
4
6
PWM
FG
GND
OUT1
OUT2
VDD
Pull High
Voltage
RFG
10KΩ
VIN
PWM Signal
D1
C1 :
>1µF


Número de pieza similar - APX9151S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Anpec Electronics Corop...
APX9151 ANPEC-APX9151 Datasheet
214Kb / 16P
   Single-Phase Full-Wave Motor Dr iver with Built - in Hall Sensor
APX9151CEI-TRG ANPEC-APX9151CEI-TRG Datasheet
214Kb / 16P
   Single-Phase Full-Wave Motor Dr iver with Built - in Hall Sensor
More results

Descripción similar - APX9151S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Anpec Electronics Corop...
APX9166EI ANPEC-APX9166EI Datasheet
166Kb / 10P
   Single-Phase Full-Wave Motor Dr iver with Built - in Hall Sensor
APX9167A ANPEC-APX9167A Datasheet
127Kb / 10P
   Single-Phase Full-Wave Motor Dr iver with Built - in Hall Sensor
APX9150 ANPEC-APX9150 Datasheet
214Kb / 16P
   Single-Phase Full-Wave Motor Dr iver with Built - in Hall Sensor
APX9168 ANPEC-APX9168 Datasheet
208Kb / 13P
   Single-Phase Full-Wave Motor Dr iver with Built - in Hall Sensor
APX9170 ANPEC-APX9170 Datasheet
209Kb / 14P
   Single-Phase Full-Wave Motor Dr iver with Built - in Hall Sensor
APX9151 ANPEC-APX9151 Datasheet
214Kb / 16P
   Single-Phase Full-Wave Motor Dr iver with Built - in Hall Sensor
APX9153 ANPEC-APX9153 Datasheet
238Kb / 14P
   Single-Phase Full-Wave Motor Driver with Built-in Hall Sensor
APX9154A ANPEC-APX9154A Datasheet
216Kb / 12P
   Single-Phase Full-Wave Motor Driver with Built-in Hall Sensor
APX9170D ANPEC-APX9170D Datasheet
153Kb / 10P
   Single-Phase Full-Wave Motor Driver with Built-in Hall Sensor
APX9153A ANPEC-APX9153A Datasheet
222Kb / 12P
   Single-Phase Full-Wave Motor Driver with Built-in Hall Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com