Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

NB3H5150-01 Datasheet(PDF) 18 Page - ON Semiconductor

No. de pieza NB3H5150-01
Descripción Electrónicos  Low Noise Multi-Rate Clock Generator
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB3H5150-01 Datasheet(HTML) 18 Page - ON Semiconductor

Back Button NB3H5150-01_17 Datasheet HTML 11Page - ON Semiconductor NB3H5150-01_17 Datasheet HTML 12Page - ON Semiconductor NB3H5150-01_17 Datasheet HTML 13Page - ON Semiconductor NB3H5150-01_17 Datasheet HTML 14Page - ON Semiconductor NB3H5150-01_17 Datasheet HTML 15Page - ON Semiconductor NB3H5150-01_17 Datasheet HTML 16Page - ON Semiconductor NB3H5150-01_17 Datasheet HTML 17Page - ON Semiconductor NB3H5150-01_17 Datasheet HTML 18Page - ON Semiconductor NB3H5150-01_17 Datasheet HTML 19Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 18 / 19 page
background image
NB3H5150−01
www.onsemi.com
18
Figure 20. Via Layout Recommendation for Exposed Pad, QFN−32 Package
The exposed pad on the NB3H5150−01 QFN−32 package carries all of the power supply return currents. It is therefore
important that the necessary current capability be satisfied, as well as the thermal transfer from the die to the PCB. Figure 20
shows a recommended via layout pattern for the exposed pad. Via spacing = 0.02”, filled vias preferred.
ORDERING INFORMATION
Device
Marking
Tables
Package
Shipping
NB3H5150−01MNTXG
NB3H
5150−01
3 & 4
QFN−32
(Pb−Free)
1000 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.


Número de pieza similar - NB3H5150-01_17

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
NB3H5150-01 ONSEMI-NB3H5150-01_16 Datasheet
186Kb / 19P
   2.5V / 3.3V Low Noise Multi-Rate Clock Generator
April, 2016 ??Rev. 1
More results

Descripción similar - NB3H5150-01_17

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
NB3H5150 ONSEMI-NB3H5150 Datasheet
185Kb / 19P
   Low Noise Multi-Rate Clock Generator
November, 2015 ??Rev. 2
NB3H5150-01 ONSEMI-NB3H5150-01 Datasheet
185Kb / 19P
   Low Noise Multi-Rate Clock Generator
October, 2015 ??Rev. 0
NB3H5150-01 ONSEMI-NB3H5150-01_16 Datasheet
186Kb / 19P
   2.5V / 3.3V Low Noise Multi-Rate Clock Generator
April, 2016 ??Rev. 1
NB3H5150 ONSEMI-NB3H5150_16 Datasheet
181Kb / 19P
   2.5V / 3.3V Low Noise Multi-Rate Clock Generator
March, 2016 ??Rev. 3
logo
National Semiconductor ...
LMH1982 NSC-LMH1982 Datasheet
504Kb / 28P
   Multi-Rate Video Clock Generator with Genlock
logo
Texas Instruments
LMH1982SQ-NOPB TI1-LMH1982SQ-NOPB Datasheet
1Mb / 43P
[Old version datasheet]   Multi-Rate Video Clock Generator with Genlock
logo
Asahi Kasei Microsystem...
AK8132A AKM-AK8132A Datasheet
357Kb / 11P
   Multi Clock Generator
AK8146A AKM-AK8146A Datasheet
399Kb / 6P
   Multi Clock Generator
AK8128S AKM-AK8128S Datasheet
395Kb / 10P
   Multi Clock Generator
logo
Burr-Brown (TI)
PLL1700 BURR-BROWN-PLL1700 Datasheet
137Kb / 9P
   MULTI-CLOCK GENERATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com