Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2702437 Datasheet(PDF) 2 Page - PHOENIX CONTACT

No. de pieza 2702437
Descripción Electrónicos  SFP WDM module with a data transmission speed of 100 Mbps, a wavelength of 1310/1550 nm, and a maximum transmission length of 20 km.
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHOENIX [PHOENIX CONTACT]
Página de inicio  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2702437 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  2702437 Datasheet HTML 1Page - PHOENIX CONTACT 2702437 Datasheet HTML 2Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
https://www.phoenixcontact.com/pi/products/2702437
08/14/2018   Page 2 / 2
Media module - FL SFP FE WDM20-A - 2702437
Technical data
General
Type AX
Factoryline devices with SFP slot
Net weight
33.1 g
Housing material
Metal
Approvals
Approvals
Approvals
RINA / DNV GL / LR / BSH
Ex Approvals
Approval details
RINA 
 http://www.rina.org/en
 ELE205816XG
DNV GL 
 http://exchange.dnv.com/tari/
 TAA00000YV
LR 
 http://www.lr.org/en
 17/20056
BSH 
 http://www.bsh.de/de/index.jsp
 Nr. 966
Phoenix Contact 2018 © - all rights reserved
http://www.phoenixcontact.com
PHOENIX CONTACT GmbH & Co. KG
Flachsmarktstr. 8
32825 Blomberg
Germany
Tel. +49 5235 300
Fax +49 5235 3 41200
http://www.phoenixcontact.com


Número de pieza similar - 2702437

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
PHOENIX CONTACT
2702435 PHOENIX-2702435 Datasheet
72Kb / 4P
   Mains plug - PLD E 400-PS/1AC/24DC/12W
2702436 PHOENIX-2702436 Datasheet
72Kb / 4P
   Mains plug - PLD E 400-PS/1AC/24DC/30W
2702438 PHOENIX-2702438 Datasheet
63Kb / 2P
   SFP WDM module with a data transmission speed of 100 Mbps, a wavelength of 1310/1550 nm, and a maximum transmission length of 20 km.
2702439 PHOENIX-2702439 Datasheet
70Kb / 3P
   SFP WDM module set with a data transmission speed of 100 Mbps, a wavelength of 310/1550 nm, and a maximum transmission length of 20 km.
More results

Descripción similar - 2702437

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
PHOENIX CONTACT
2702438 PHOENIX-2702438 Datasheet
63Kb / 2P
   SFP WDM module with a data transmission speed of 100 Mbps, a wavelength of 1310/1550 nm, and a maximum transmission length of 20 km.
2702440 PHOENIX-2702440 Datasheet
63Kb / 2P
   SFP WDM module with a data transmission speed of 1000 Mbps, a wavelength of 1310/1550 nm, and a maximum transmission length of 10 km.
2702441 PHOENIX-2702441 Datasheet
63Kb / 2P
   SFP WDM module with a data transmission speed of 1000 Mbps, a wavelength of 1310/1550 nm, and a maximum transmission length of 10 km.
2702439 PHOENIX-2702439 Datasheet
70Kb / 3P
   SFP WDM module set with a data transmission speed of 100 Mbps, a wavelength of 310/1550 nm, and a maximum transmission length of 20 km.
2702442 PHOENIX-2702442 Datasheet
70Kb / 3P
   SFP WDM module set with a data transmission speed of 1000 Mbps, a wavelength of 1310/1550 nm, and a maximum transmission length of 10 km.
2702397 PHOENIX-2702397 Datasheet
64Kb / 3P
   SFP module with a data transmission speed of 1000 Mbps, a wavelength of 1310 nm, and a maximum transmission length of 2 km.
2891767 PHOENIX-2891767 Datasheet
68Kb / 3P
   SFP module with a data transmission speed of 1000 Mbps, a wavelength of 1310 nm, and a maximum transmission length of 30 km.
2989420 PHOENIX-2989420 Datasheet
52Kb / 2P
   SFP module with a data transmission speed of 1000 Mbps and a maximum transmission length of 100 m.
2294500 PHOENIX-2294500 Datasheet
71Kb / 4P
   Transmission of a maximum of 32 digital channels via a 50-pos. system cable
logo
Roithner LaserTechnik G...
ELC-905-17 ROITHNER-ELC-905-17 Datasheet
444Kb / 1P
   It has a typical emission wavelength of 905 nm
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com