Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI5402DC Datasheet(PDF) 1 Page - Vishay Siliconix

No. de pieza SI5402DC
Descripción Electrónicos  Specification Comparison Si5402BDC vs. Si5402DC
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI5402DC Datasheet(HTML) 1 Page - Vishay Siliconix

  SI5402DC Datasheet HTML 1Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Specification Comparison
Vishay Siliconix
Document Number 74062
www.vishay.com
10-May-05
Si5402BDC vs. Si5402DC
Description:
N-Channel, 30-V (D-S) MOSFET
Package:
1206-8 ChipFET
®
Pin Out:
Identical
Part Number Replacements:
Si5402BDC-T1-E3 Replaces Si5402DC-T1-E3
Si5402BDC-T1-E3 Replaces Si5402DC-T1
Summary of Performance:
The Si5402BDC is the replacement to the original Si5402DC; both parts perform identically, including limits to the parametric
tables below.
ABSOLUTE MAXIMUM RATINGS (TA = 25oC UNLESS OTHERWISE NOTED)
Parameter
Symbol
Si5402BDC
Si5402DC
Unit
Drain-Source Voltage
VDS
30
30
Gate-Source Voltage
VGS
+20
+20
V
TA = 25°C
6.7
6.7
Continuous Drain Current
TA = 70°C
ID
4.8
4.8
Pulsed Drain Current
IDM
20
20
Continuous Source Current
(MOSFET Diode Conduction)
IS
2.1
2.1
A
TA = 25°C
2.5
2.5
Power Dissipation
TA = 70°C
PD
1.3
1.3
W
Operating Junction & Storage Temperature Range
Tj & Tstg
-55 to 150
-55 to 150
°C
Maximum Junction-to-Ambient
RthJA
50
50
°C/W
SPECIFICATIONS (TJ = 25OC UNLESS OTHERWISE NOTED)
Si5402BDC
Si5402DC
Parameter
Symbol
Min
Typ
Max
Min
Typ
Max
Unit
Static
Gate-Threshold Voltage
VGS(th)
1.0
3.0
1.0
NS
V
Gate-Body Leakage
IGSS
+100
+100
nA
Zero Gate Voltage Drain Current
IDSS
-1
-1
µA
On-State Drain Current
VGS = 10 V
ID(on)
20
20
A
VGS= 10 V
0.029
0.035
0.030
0.035
Drain-Source On-Resistance
VGS = 4.5 V
rDS(on)
0.035
0.042
0.045
0.055
Forward Transconductance
gfs
19
15
S
Diode Forward Voltage
VSD
0.8
1.2
0.8
1.2
V
Dynamic
Total Gate Charge
Qg
10
20
13
20
Gate-Source Charge
Qgs
1.9
1.3
Gate-Drain Charge
Qgd
1.6
3.1
nC
Gate Resistance
Rg
14
NS
Switching
td(on)
10
15
10
15
Turn-On Time
tr
10
15
10
15
td(off)
27
40
25
40
Turn-Off Time
tf
10
15
10
15
Source-Drain Reverse Recovery Time
trr
20
60
30
60
ns


Número de pieza similar - SI5402DC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI5402DC VISHAY-SI5402DC Datasheet
71Kb / 1P
   N-Channel 30-V (D-S) MOSFET
Rev. C, 05-Aug-02
SI5402DC-T1 VISHAY-SI5402DC-T1 Datasheet
71Kb / 1P
   N-Channel 30-V (D-S) MOSFET
Rev. C, 05-Aug-02
More results

Descripción similar - SI5402DC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
TN0200K VISHAY-TN0200K Datasheet
32Kb / 1P
   Specification Comparison TN0200K vs. TN0200T
19-May-04
TP0101K VISHAY-TP0101K Datasheet
90Kb / 1P
   TP0101K vs. TP0101T Specification Comparison
11-May-05
SI7840BDP VISHAY-SI7840BDP Datasheet
92Kb / 1P
   Si7840BDP vs. Si7840DP Specification Comparison
04-Dec-04
SI7868ADP VISHAY-SI7868ADP Datasheet
95Kb / 1P
   Si7868ADP vs. Si7868DP Specification Comparison
15-Apr-05
SI5404BDC VISHAY-SI5404BDC Datasheet
32Kb / 3P
   Specification Comparison
08-Sep-04
SI6880AEDQ VISHAY-SI6880AEDQ Datasheet
32Kb / 1P
   Specification Comparison
22-Mar-04
SI3850ADV VISHAY-SI3850ADV Datasheet
65Kb / 2P
   Specification Comparison
Revision: 31-Oct-06
72893 VISHAY-72893 Datasheet
32Kb / 1P
   Dual N-Channel, 30-V (D-S) MOSFET Specification Comparison
22-Mar-04
logo
STMicroelectronics
AN574 STMICROELECTRONICS-AN574 Datasheet
66Kb / 4P
   TRANSIL TRISIL COMPARISON
logo
Silicon Laboratories
AN836 SILABS-AN836 Datasheet
1Mb / 6P
   Current Sense Amplifier Performance Comparison
More results


Html Pages

1


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com