Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TC1302BHPVUA Datasheet(PDF) 8 Page - Microchip Technology

No. de pieza TC1302BHPVUA
Descripción Electrónicos  LOW QUIESCENT CURRENT DUAL OUTPUT LDO
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1302BHPVUA Datasheet(HTML) 8 Page - Microchip Technology

Back Button TC1302BHPVUA Datasheet HTML 4Page - Microchip Technology TC1302BHPVUA Datasheet HTML 5Page - Microchip Technology TC1302BHPVUA Datasheet HTML 6Page - Microchip Technology TC1302BHPVUA Datasheet HTML 7Page - Microchip Technology TC1302BHPVUA Datasheet HTML 8Page - Microchip Technology TC1302BHPVUA Datasheet HTML 9Page - Microchip Technology TC1302BHPVUA Datasheet HTML 10Page - Microchip Technology TC1302BHPVUA Datasheet HTML 11Page - Microchip Technology TC1302BHPVUA Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
TC1302A/B
DS21333B-page 8
© 2005 Microchip Technology Inc.
Note: Unless otherwise indicated, VIN = VR +1V, IOUT1 = IOUT2 = 100 µA, CIN = 4.7 µF, COUT1 = COUT2 = 1 µF (X5R or X7R),
CBYPASS = 0 pF, SHDN1 = SHDN2 > VIH, TA = +25°C.
FIGURE 2-19:
VOUT1 and VOUT2 Noise vs.
Frequency (with bypass capacitor).
FIGURE 2-20:
VOUT1 and VOUT2 Power-up
from Shutdown TC1302B.
FIGURE 2-21:
VOUT2 Power-up from
Shutdown Input TC1302A.
FIGURE 2-22:
VOUT1 and VOUT2 Power-up
from Input Voltage TC1302B.
FIGURE 2-23:
Dynamic Line Response.
FIGURE 2-24:
300 mA Dynamic Load Step
VOUT1.
0.001
0.01
0.1
1
10
0.01
0.1
1
10
100
1000
Frequency (KHz)
VIN = 4.2V
VR1 = 2.8V
VR2=2.6V
IOUT1 = 150 mA
IOUT2 = 100 mA
CBYPASS = 10 nF
VOUT1
VOUT2


Número de pieza similar - TC1302BHPVUA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microchip Technology
TC1302BHPVMFTR MICROCHIP-TC1302BHPVMFTR Datasheet
529Kb / 26P
   Low Quiescent Current Dual Output LDO
2003-2012 10/26/12
More results

Descripción similar - TC1302BHPVUA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microchip Technology
TC1302A MICROCHIP-TC1302A_13 Datasheet
529Kb / 26P
   Low Quiescent Current Dual Output LDO
2003-2012 10/26/12
logo
Seaward Electronics Inc...
SE8803 SEAWARD-SE8803 Datasheet
547Kb / 7P
   Dual-Output Low Quiescent Current LDO
logo
Microchip Technology
MCP1700 MICROCHIP-MCP1700 Datasheet
522Kb / 22P
   Low Quiescent Current LDO
2003
MCP1700T-5002E MICROCHIP-MCP1700T-5002E Datasheet
654Kb / 24P
   Low Quiescent Current LDO
12/08/06
logo
Seaward Electronics Inc...
SE8801 SEAWARD-SE8801 Datasheet
469Kb / 7P
   Low Quiescent Current LDO
logo
Microchip Technology
MCP1700T-2502E MICROCHIP-MCP1700T-2502E Datasheet
654Kb / 24P
   Low Quiescent Current LDO
12/08/06
MCP1700-1502E MICROCHIP-MCP1700-1502E Datasheet
654Kb / 24P
   Low Quiescent Current LDO
12/08/06
MCP1700 MICROCHIP-MCP1700_07 Datasheet
729Kb / 24P
   Low Quiescent Current LDO
2007
MCP1700 MICROCHIP-MCP1700_13 Datasheet
973Kb / 28P
   Low Quiescent Current LDO
08/20/13
logo
SHANGHAI BELLING CO., L...
BL9152 BELLING-BL9152 Datasheet
202Kb / 4P
   40V Input, 500mA Output Current, Low Dropout, Low Quiescent Current LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com