Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


VNH3ASP30-E Datasheet(Hoja de datos) 6 Page - STMicroelectronics

No. de Pieza. VNH3ASP30-E
Descripción  AUTOMOTIVE FULLY INTEGRATED H-BRIDGE MOTOR DRIVER
Descarga  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo 

 6 page
background image
VNH3ASP30-E
6/18
ELECTRICAL CHARACTERISTICS (continued)
Table 10. PWM
Table 11. Switching (VCC=13V, RLOAD=1)
Table 12. Protection And Diagnostic
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
Vpwl
PWM Low Level Voltage
1.25
V
Ipwl
PWM Pin Current
Vpw=1.25V
1
µA
Vpwh
PWM High Level Voltage
3.25
V
Ipwh
PWM Pin Current
Vpw=3.25V
10
µA
Vpwhhyst
PWM Hysteresis Voltage
0.5
V
Vpwcl
PWM Clamp Voltage
Ipw = 1 mA
Ipw = -1 mA
VCC+0.3
-6.0
VCC+0.7
-4.5
VCC+1.0
-3.0
V
V
CINPWM
PWM Pin Input Capacitance
VIN =2.5V
25
pF
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
f
PWM Frequency
0
20
kHz
td(on)
Turn-on Delay Time
Input rise time < 1
µs (see fig. 8)
250
µs
td(off)
Turn-off Delay Time
Input rise time < 1
µs (see fig. 8)
250
µs
tr
Rise Time
(see fig. 7)
1
2
µs
tf
Fall Time
(see fig. 7)
1
2
µs
tDEL
Delay Time During Change of
Operating Mode
(see fig. 6)
300
600
1800
µs
trr
High Side Free Wheeling
Diode Reverse Recovery Time
(see fig. 9)
110
ns
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
VUSD
Undervoltage Shut-down
Undervoltage Reset
4.7
5.5
V
V
VOV
Overvoltage Shut-down
16
19
22
V
ILIM
High-Side Current Limitation
30
45
60
A
VCLP
Total Clamp Voltage
(VCC to GND)
IOUT=12A
43
48
54
V
TTSD
Thermal Shut-down
Temperature
VIN = 3.25 V
150
175
200
°C
TTR
Thermal Reset Temperature
135
°C
THYST
Thermal Hysteresis
7
15
°C




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
VNH2SP30AUTOMOTIVE FULLY INTEGRATED H-BRIDGE MOTOR DRIVER 1 2 3 4 5 MoreSTMicroelectronics
VNH3SP30FULLY INTEGRATED H-BRIDGE MOTOR DRIVER 1 2 3 4 5 MoreSTMicroelectronics
L6208FULLY INTEGRATED STEPPER MOTOR DRIVER 1 2 3 4 5 MoreSTMicroelectronics
NTE1774Integrated Circuit Dual Bi-Directional Motor Driver 1 2 NTE Electronics
IM13400Cyntec IPM is integrated drive protection and system control functions that is designed for high performance 3-phase motor driver 1 2 3 4 5 MoreList of Unclassifed Manufacturers
MSK4204HRHU100 VOLT 10 AMP RAD-HARD H-BRIDGE PWM MOTOR DRIVER/AMPLIFIER 1 2 3 4 5 MoreM.S. Kennedy Corporation
MPC17510EJ1.2 A 15 V H-Bridge Motor Driver IC 1 2 3 4 5 MoreMotorola, Inc
NTE7082Integrated Circuit Stepper Motor Driver 1 2 3 NTE Electronics
MSK4225S75 VOLT 20 AMP MOSFET H-BRIDGE PWM MOTOR DRIVER/AMPLIFIER 1 2 3 4 5 M.S. Kennedy Corporation

Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl