Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


VNH3ASP30TR-E Datasheet(Hoja de datos) 11 Page - STMicroelectronics

No. de Pieza. VNH3ASP30TR-E
Descripción  AUTOMOTIVE FULLY INTEGRATED H-BRIDGE MOTOR DRIVER
Descarga  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo 

 11 page
background image
11/18
VNH3ASP30-E
Figure 8. Definition Of The High Side Switching Times
Figure 9. Definition Of Dynamic Cross Conduction Current During A PWM Operation
t
t
VOUTA
VINA,
90%
10%
tD(on)
tD(off)
t
t
IMOTOR
PWM
t
VOUTB
t
ICC
trr
IRM
INA=1, INB=0




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
VNH2SP30AUTOMOTIVE FULLY INTEGRATED H-BRIDGE MOTOR DRIVER 1 2 3 4 5 MoreSTMicroelectronics
VNH3SP30FULLY INTEGRATED H-BRIDGE MOTOR DRIVER 1 2 3 4 5 MoreSTMicroelectronics
L6208FULLY INTEGRATED STEPPER MOTOR DRIVER 1 2 3 4 5 MoreSTMicroelectronics
NTE1774Integrated Circuit Dual Bi-Directional Motor Driver 1 2 NTE Electronics
IM13400Cyntec IPM is integrated drive protection and system control functions that is designed for high performance 3-phase motor driver 1 2 3 4 5 MoreList of Unclassifed Manufacturers
MSK4204HRHU100 VOLT 10 AMP RAD-HARD H-BRIDGE PWM MOTOR DRIVER/AMPLIFIER 1 2 3 4 5 MoreM.S. Kennedy Corporation
MPC17510EJ1.2 A 15 V H-Bridge Motor Driver IC 1 2 3 4 5 MoreMotorola, Inc
NTE7082Integrated Circuit Stepper Motor Driver 1 2 3 NTE Electronics
MSK4225S75 VOLT 20 AMP MOSFET H-BRIDGE PWM MOTOR DRIVER/AMPLIFIER 1 2 3 4 5 M.S. Kennedy Corporation

Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl