Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


FC050A Datasheet(Hoja de datos) 3 Page - List of Unclassifed Manufacturers

No. de Pieza. FC050A
Descripción  POWER MODULE : DC-DC CONVERTERS ; 18 VDC TO 36 VDC INPUT, 5 VDC OUTPUT;50W TO 150W
Descarga  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  ETC [List of Unclassifed Manufacturers]
Página de inicio  
Logo 

 
 3 page
background image




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
FC020FC020-SERIES POWER MODULES : DC-DC CONVERTERS ; 28 VDC INPUT 20W 1 2 3 4 5 MoreList of Unclassifed Manufacturers
FC050S6R5POWER MODULES: DC-DC CONVERTERS; 18 TO 36 VDC INPUT 6.5VDC OUTPUT; 50 W TO 150W 1 2 3 4 5 MoreList of Unclassifed Manufacturers
APS100DH18-36 VDC INPUT RANGE DC-DC CONVERTER HALF-BRICK POWER MODULES 100-150 WATTS SINGLE & DUAL OUTPUT 1 2 List of Unclassifed Manufacturers
JW150APower Modules: dc-dc Converters; 36 to 75 Vdc Input 5 Vdc Output; 50 W to 150 W 1 2 3 4 5 MoreTyco Electronics
IRF7822Power MOSFET for DC-DC Converters 1 2 3 4 5 MoreInternational Rectifier
SP6122Low Voltage Micro 8 PFET Buck Controller Ideal for 1A to 5A Small Footprint DC-DC Power Converters 1 2 3 4 5 MoreSipex Corporation
XRAH-07C1A0NON-ISOLATED DC/DC CONVERTERS 3.3 Vdc Input 0.9 Vdc - 2.5 Vdc/7 A Output 1 2 3 4 5 MoreBel Fuse Inc.
PAQ100S48Single output DC-DC power module for TELECOM 1 DENSEI-LAMBDA
V48B15C250A48V Input Mini Family DC-DC Converter Module 1 2 3 4 5 MoreVicor Corporation
PTH12050W6-A 12-V Input Non-Isolated Wide-Output Adjust Power Module 1 2 3 4 5 MoreTI store

Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl