Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD8187ARU-REEL7 Datasheet(PDF) 9 Page - Analog Devices

No. de pieza AD8187ARU-REEL7
Descripción Electrónicos  480 MHz Single-Supply (5 V) Triple 2:1 Multiplexers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD8187ARU-REEL7 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD8187ARU-REEL7 Datasheet HTML 5Page - Analog Devices AD8187ARU-REEL7 Datasheet HTML 6Page - Analog Devices AD8187ARU-REEL7 Datasheet HTML 7Page - Analog Devices AD8187ARU-REEL7 Datasheet HTML 8Page - Analog Devices AD8187ARU-REEL7 Datasheet HTML 9Page - Analog Devices AD8187ARU-REEL7 Datasheet HTML 10Page - Analog Devices AD8187ARU-REEL7 Datasheet HTML 11Page - Analog Devices AD8187ARU-REEL7 Datasheet HTML 12Page - Analog Devices AD8187ARU-REEL7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
REV. A
AD8186/AD8187
–9–
TIME (ns)
05
10
15
20
3.30
2.80
2.30
2.80
2.50
2.00
1.80
INPUT
OUTPUT
2.70
2.60
2.40
2.30
2.20
2.10
1.90
25
TPC 25. AD8186 Small Signal Pulse Response,
VOUT = 200 mV p-p, RL = 1 k
TIME (ns)
05
10
15
20
5.0
4.5
2.0
4.0
3.5
3.0
2.5
2.0
1.5
1.0
1.5
1.0
0.5
0
–0.5
–1.0
2.5
3.0
INPUT
OUTPUT
25
TPC 26. AD8186 Video Signal Pulse Response,
VOUT = 700 mV p-p, RL = 1 k
TIME (ns)
05
10
15
20
7.0
6.5
2.0
6.0
5.5
5.0
4.5
4.0
3.5
3.0
1.5
1.0
0.5
0
–0.5
–1.0
2.5
3.0
–1.5
–2.0
3.5
4.0
2.5
2.0
1.5
1.0
INPUT
OUTPUT
25
TPC 27. AD8186 Large Signal Pulse Response,
VOUT = 2 V p-p, RL = 1 k
TIME (ns)
05
10
3.2
3.1
2.5
3.0
2.9
2.8
2.7
2.6
2.4
2.3
2.2
2.1
2.0
2.6
1.9
1.8
2.7
2.8
2.5
2.4
2.3
2.2
INPUT
OUTPUT
15
20
25
TPC 28. AD8187 Small Signal Pulse Response,
VOUT = 200 mV p-p, RL = 150 k
TIME (ns)
05
10
6.0
5.5
2.5
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
3.0
–0.5
–1.0
3.5
4.0
2.0
1.5
1.0
INPUT
OUTPUT
15
20
5.0
25
TPC 29. AD8187 Video Amplitude Pulse
Response, VOUT = 1.4 V p-p, RL = 150 k
TIME (ns)
0
6.0
5.5
2.5
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
3.0
–0.5
–1.0
3.5
4.0
2.0
1.5
1.0
INPUT
OUTPUT
5.0
–1.5
0.5
–2.0
0
510
15
20
25
TPC 30. AD8187 Large Signal Pulse Response,
VOUT = 2 V p-p, RL = 150 k


Número de pieza similar - AD8187ARU-REEL7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD8187ARU-REEL7 AD-AD8187ARU-REEL7 Datasheet
479Kb / 20P
   480 MHz Single-Supply (5 V) Triple 2:1 Multiplexers
REV. A
AD8187ARU-REEL7 AD-AD8187ARU-REEL7 Datasheet
426Kb / 20P
   480 MHz Single-Supply (5 V) Triple 2:1 Multiplexers
REV. A
More results

Descripción similar - AD8187ARU-REEL7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD8186ARUZ AD-AD8186ARUZ Datasheet
479Kb / 20P
   480 MHz Single-Supply (5 V) Triple 2:1 Multiplexers
REV. A
AD8187ARUZ-REEL7 AD-AD8187ARUZ-REEL7 Datasheet
426Kb / 20P
   480 MHz Single-Supply (5 V) Triple 2:1 Multiplexers
REV. A
AD8186 AD-AD8186_15 Datasheet
479Kb / 20P
   480 MHz Single-Supply Triple 2 1 Multiplexers
REV. A
AD8187 AD-AD8187_15 Datasheet
479Kb / 20P
   480 MHz Single-Supply Triple 2:1 Multiplexers
REV. A
AD8187 AD-AD8187_17 Datasheet
524Kb / 20P
   480 MHz Single-Supply (5V) Triple 2:1 Multiplexers
AD8188 AD-AD8188 Datasheet
825Kb / 24P
   350 MHz Single-Supply (5 V) Triple 2:1 Multiplexers
REV. 0
AD8189 AD-AD8189_15 Datasheet
826Kb / 24P
   350 MHz Single-Supply Triple 2:1 Multiplexers
REV. 0
AD8188 AD-AD8188_15 Datasheet
826Kb / 24P
   350 MHz Single-Supply Triple 2:1 Multiplexers
REV. 0
AD8183 AD-AD8183_15 Datasheet
732Kb / 16P
   Triple 2 1 Multiplexers
REV. 0
AD8183 AD-AD8183_16 Datasheet
282Kb / 12P
   Triple 2:1 Multiplexers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com