Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2400396 Datasheet(PDF) 2 Page - PHOENIX CONTACT

No. de pieza 2400396
Descripción Electrónicos  Full SCADA (Supervisory Control And Data Acquisition) function with visualization, trend representation, and alarm management
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHOENIX [PHOENIX CONTACT]
Página de inicio  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2400396 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  2400396 Datasheet HTML 1Page - PHOENIX CONTACT 2400396 Datasheet HTML 2Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
https://www.phoenixcontact.com/pi/products/2400396
09/06/2018   Page 2 / 2
Software - VISU+ 2 RT-D 128 RED - 2400396
Technical data
Functions
Number of I/O nodes
128 I/O bytes
Hardware requirements
Hard disk
min. 1 GByte (recommended: 2 GB)
RAM
min. 1 GByte (2 GB for Windows Vista and Windows 7)
CPU
Pentium/Celeron, 1.6 GHz
Optical drive
DVD-ROM
Monitor resolution
XGA (1024 x 768)
Operating equipment
Keyboard, mouse
Software requirements
Operating systems
Windows® XP (SP3)
Windows® Vista Business
Windows® 7 Professional SP1 (32-Bit/64-Bit)
Windows® 7 Ultimate SP1 (32-Bit/64-Bit)
Windows® 8 Professional (32-Bit/64-Bit)
Windows® 8 Enterprise (32-Bit/64-Bit)
Windows® Server 2003
Windows® Server 2008
Windows® Server 2008 R2
Windows® 10 (32-Bit/64-Bit)
Phoenix Contact 2018 © - all rights reserved
http://www.phoenixcontact.com
PHOENIX CONTACT GmbH & Co. KG
Flachsmarktstr. 8
32825 Blomberg
Germany
Tel. +49 5235 300
Fax +49 5235 3 41200
http://www.phoenixcontact.com


Número de pieza similar - 2400396

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
24003984 TOSHIBA-24003984 Datasheet
2Mb / 54P
   COLOR TELEVISION
Jul. 2001
24003984 TOSHIBA-24003984 Datasheet
2Mb / 54P
   COLOR TELEVISION N1PS Chassis
Jul., 2001
More results

Descripción similar - 2400396

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
PHOENIX CONTACT
2400090 PHOENIX-2400090 Datasheet
57Kb / 2P
   Full SCADA (Supervisory Control And Data Acquisition) function with visualization, trend representation, and alarm management
2402717 PHOENIX-2402717 Datasheet
57Kb / 2P
   Full SCADA (Supervisory Control And Data Acquisition) function with visualization, trend representation, and alarm management
2402808 PHOENIX-2402808 Datasheet
56Kb / 2P
   Full SCADA (Supervisory Control And Data Acquisition) function with visualization, trend representation, and alarm management
2403354 PHOENIX-2403354 Datasheet
56Kb / 2P
   Full SCADA (Supervisory Control And Data Acquisition) function with visualization, trend representation, and alarm management
2403042 PHOENIX-2403042 Datasheet
54Kb / 2P
   Full SCADA (Supervisory Control And Data Acquisition) function with visualization, trend representation, and alarm management
2403112 PHOENIX-2403112 Datasheet
57Kb / 2P
   Full SCADA (Supervisory Control And Data Acquisition) function with visualization, trend representation, and alarm management
2701449 PHOENIX-2701449 Datasheet
57Kb / 2P
   Full SCADA (Supervisory Control And Data Acquisition) function with visualization, trend representation, and alarm management
2403014 PHOENIX-2403014 Datasheet
54Kb / 2P
   Full SCADA (Supervisory Control And Data Acquisition) function with visualization, trend representation, and alarm management
2988104 PHOENIX-2988104 Datasheet
57Kb / 2P
   Full SCADA (Supervisory Control And Data Acquisition) function with visualization, trend representation, and alarm management
2988502 PHOENIX-2988502 Datasheet
57Kb / 2P
   Full SCADA (Supervisory Control And Data Acquisition) function with visualization, trend representation, and alarm management
2701032 PHOENIX-2701032 Datasheet
56Kb / 2P
   Full SCADA (Supervisory Control And Data Acquisition) function with visualization, trend representation, and alarm management
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com