Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BQ27743 Datasheet(PDF) 3 Page - Texas Instruments

No. de pieza BQ27743
Descripción Electrónicos  Single-Cell Li-Ion Battery Fuel Gauge with Programmable Hardware Protection
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

BQ27743 Datasheet(HTML) 3 Page - Texas Instruments

  BQ27743 Datasheet HTML 1Page - Texas Instruments BQ27743 Datasheet HTML 2Page - Texas Instruments BQ27743 Datasheet HTML 3Page - Texas Instruments BQ27743 Datasheet HTML 4Page - Texas Instruments BQ27743 Datasheet HTML 5Page - Texas Instruments BQ27743 Datasheet HTML 6Page - Texas Instruments BQ27743 Datasheet HTML 7Page - Texas Instruments BQ27743 Datasheet HTML 8Page - Texas Instruments BQ27743 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 42 page
background image
A
B
C
D
E
3
2
1
Not to scale
DSG
PACKP
SDA
INT/PSC
SCL
CHG
PRES
BAT
HDQ/PSD
TS
SRP
SRN
VPWR
VSS
REG25
3
bq27743
www.ti.com
SLUSCM0A – JUNE 2017 – REVISED SEPTEMBER 2018
Product Folder Links: bq27743
Submit Documentation Feedback
Copyright © 2017–2018, Texas Instruments Incorporated
(1)
I/O = Digital input/output, IA = Analog input, P = Power connection
6 Pin Configuration and Functions
Pin Functions
NAME
NUMBER
I/O
DESCRIPTION
SRP
A1
I(1)
Analog input pin connected to the internal coulomb counter where SRP is nearest the PACK+
connection. Connect to sense resistor.
CHG
A2
O
External high side N-channel charge FET driver
DSG
A3
O
External high side N-channel discharge FET driver
SRN
B1
I
Analog input pin connected to the internal coulomb counter where SRN is nearest the CELL+
connection. Connect to sense resistor.
PRES
B2
I
System present open-drain input that requires an external pullup when used or connected to VSS
when not used.
PACKP
B3
I
Pack voltage measurement input for protector operation
VPWR
C1
Power input. Decouple with 0.1-µF ceramic capacitor to VSS.
BAT
C2
I
Cell-voltage measurement input. ADC input
SDA
C3
IO
Slave I2C serial communications data line for communication with system. Open-drain I/O. Use
with 10-kΩ pullup resistor (typical).
VSS
D1
Device ground
HDQ/PSD
D2
I/O
Protection synchronization for the discharge FET push pull I/O or this can be used as one-wire
HDQ communications.
INT/PSC
D3
IO
Protection synchronization for the charge FET open-drain I/O. This requires an external pullup or it
can be used as an interrupt output to the host system for the BTP feature.
REG25
E1
Regulator output and bq27743 processor power. Decouple with 1.0-µF ceramic capacitor to VSS.
TS
E2
I
Pack thermistor voltage sense (use 103AT-type thermistor). ADC input
SCL
E3
IO
Slave I2C serial communications clock input line for communication with system. Use with 10-kΩ
pullup resistor (typical).
(1)
Production tested in the following configuration: VOVP = 4.450 V, VUVP = 2.438 V, VOCC = 28 mV, VOCD = 83 mV, and VSCD = 148 mV.
Table 1. Hardware Protection Thresholds(1)
OVERVOLTAGE
PROTECTION (VOVP)
UNDERVOLTAGE
PROTECTION (VUVP)
OVERCURRENT IN
CHARGE (VOCC)
OVERCURRENT IN
DISCHARGE (VOCD)
SHORT-CIRCUIT IN
DISCHARGE (VSCD)
4.450 V
2.438 V
6 mV
14 mV
73 mV
24 mV
13 mV
34 mV
44 mV
18 mV
53 mV
148 mV
63 mV
28 mV
73 mV
83 mV


Número de pieza similar - BQ27743

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
BQ27741-G1 TI-BQ27741-G1 Datasheet
896Kb / 38P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge with Integrated Protection
BQ27741-G1 TI1-BQ27741-G1 Datasheet
958Kb / 39P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge with Integrated Protection
BQ27741-G1 TI1-BQ27741-G1_14 Datasheet
958Kb / 39P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge with Integrated Protection
BQ27741YZFR-G1 TI-BQ27741YZFR-G1 Datasheet
896Kb / 38P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge with Integrated Protection
BQ27741YZFT-G1 TI-BQ27741YZFT-G1 Datasheet
896Kb / 38P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge with Integrated Protection
More results

Descripción similar - BQ27743

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
BQ27742-G1 TI1-BQ27742-G1 Datasheet
1Mb / 46P
[Old version datasheet]   Single-Cell Li-Ion Battery Fuel Gauge with Programmable Hardware Protection
BQ27741-G1 TI1-BQ27741-G1_14 Datasheet
958Kb / 39P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge with Integrated Protection
BQ27741YZFR-G1 TI-BQ27741YZFR-G1 Datasheet
896Kb / 38P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge with Integrated Protection
BQ27546-G1 TI1-BQ27546-G1 Datasheet
1Mb / 38P
[Old version datasheet]   Single-Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
REVISED DECEMBER 2015
logo
Microchip Technology
PS810 MICROCHIP-PS810 Datasheet
664Kb / 46P
   Li Ion Single Cell Fuel Gauge
2006
logo
Texas Instruments
BQ27545-G1 TI1-BQ27545-G1 Datasheet
1Mb / 53P
[Old version datasheet]   Single-Cell Li-Ion Battery Fuel Gauge For Battery Pack Integration
BQ27541-V200_1004 TI-BQ27541-V200_1004 Datasheet
664Kb / 41P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
BQ27541 TI-BQ27541 Datasheet
789Kb / 38P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
BQ27541-V200 TI-BQ27541-V200 Datasheet
679Kb / 41P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
BQ27541-V200 TI1-BQ27541-V200_17 Datasheet
1Mb / 46P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42