Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HSCDTD008A Datasheet(PDF) 5 Page - ALPS ELECTRIC CO.,LTD.

No. de pieza HSCDTD008A
Descripción Electrónicos  Geomagnetic Sensor
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ALPS [ALPS ELECTRIC CO.,LTD.]
Página de inicio  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

HSCDTD008A Datasheet(HTML) 5 Page - ALPS ELECTRIC CO.,LTD.

  HSCDTD008A Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. HSCDTD008A Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. HSCDTD008A Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. HSCDTD008A Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. HSCDTD008A Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD. HSCDTD008A Datasheet HTML 6Page - ALPS ELECTRIC CO.,LTD. HSCDTD008A Datasheet HTML 7Page - ALPS ELECTRIC CO.,LTD. HSCDTD008A Datasheet HTML 8Page - ALPS ELECTRIC CO.,LTD. HSCDTD008A Datasheet HTML 9Page - ALPS ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
FUNCTIONAL SPECIFICATIONS
Function List
Initialization
Power on reset is performed by turning on the power.
All circuits and registers are set to default and mode is
set to stand-by mode automatically by POR.
Software reset is performed by writing to control register.
All register is reloaded form OTP and internal compensation table is reloaded.
Self Test
Self test confirm the operation on sensor by register command
Functional Modes
This sensor has stand-by mode and active mode for power control.
There are two states in active mode.
Off mode
The sensor is not active when AVDD and/or DVDD_IO are disable.
Stand-by Mode
Low power waiting state. Stand-by mode can access to register.
Reading/Writing register is enable on stand-by mode.
Active Mode
Change from stand-by to active mode by register command
to control register.
Force State
Start to measure and output data by register command.
Force state is default.
Normal State
Perform to measure and output data by using the internal
timer trigger.
Data Ready Function
Informs when new measured results are updated.
It is possible that data ready inform the signal to the DRDY pin when
updated output data.
Offset Calibration Function
Sensor offset can be canceled by using internal DAC circuit and digital
compensation function when the register command is set.
Offset Drift Function
When magnetic field strength have offset drift, output data values can be
compensated by writing in the offset value registers.
Temperature Measurement
Retrieve temperature data from internal temperature sensor.
Function
Temperature data is used for internal compensation for output data.
Temperature Compensation
Compensate gain in digital circuit by temperature measurement results.
Function
FIFO Function
This products have 8 depth FIFO memory
State Machine
Name
Description
Geomagnetic Sensor
5 / 32
HSCDTD008A
Rev.2.5
Aug. 2016
Confidential
OFF
mode
Stand-by
mode
Force
State
Normal
State
TCS
meas.
TCS=0
TCS=1
FS = 1
FS = 0
Active
PC = 0
PC = 1
OCL
meas.
OCL=1
OCL=0


Número de pieza similar - HSCDTD008A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ALPS ELECTRIC CO.,LTD.
HSCD ALPS-HSCD Datasheet
69Kb / 1P
   Geomagnetic Sensor
logo
Honeywell Solid State E...
HSCDAND001PDAA3 HONEYWELL-HSCDAND001PDAA3 Datasheet
1Mb / 12P
   TruStability silicon Pressure Sensors: HSC Series-High Accuracy -1% total Error band,Analog output,SMT and DIP,1 psi to 150 psi
HSCDAND001PDAA5 HONEYWELL-HSCDAND001PDAA5 Datasheet
1Mb / 12P
   TruStability silicon Pressure Sensors: HSC Series-High Accuracy -1% total Error band,Analog output,SMT and DIP,1 psi to 150 psi
HSCDAND001PDAB3 HONEYWELL-HSCDAND001PDAB3 Datasheet
1Mb / 12P
   TruStability silicon Pressure Sensors: HSC Series-High Accuracy -1% total Error band,Analog output,SMT and DIP,1 psi to 150 psi
HSCDAND001PDAB5 HONEYWELL-HSCDAND001PDAB5 Datasheet
1Mb / 12P
   TruStability silicon Pressure Sensors: HSC Series-High Accuracy -1% total Error band,Analog output,SMT and DIP,1 psi to 150 psi
More results

Descripción similar - HSCDTD008A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
BMM150 ETC2-BMM150 Datasheet
1Mb / 56P
   Geomagnetic Sensor
logo
ALPS ELECTRIC CO.,LTD.
HSCD ALPS-HSCD Datasheet
69Kb / 1P
   Geomagnetic Sensor
logo
Bosch Sensortec GmbH
BMM150 BOSCH-BMM150 Datasheet
1Mb / 56P
   Geomagnetic Sensor
logo
Epson Company
TSU EPSON-TSU Datasheet
448Kb / 2P
   SENSOR QUARTZ PRESSURE SENSOR
logo
Epson ToYoCom
TSU-20G EPSONTOYOCOM-TSU-20G Datasheet
448Kb / 2P
   SENSOR QUARTZ PRESSURE SENSOR
logo
Roithner LaserTechnik G...
QL85H6S-ABC ROITHNER-QL85H6S-ABC Datasheet
242Kb / 5P
   sensor
logo
HOPE Microelectronics C...
TH10 HOPE-TH10 Datasheet
651Kb / 15P
   SENSOR
logo
Murata Manufacturing Co...
IML-0688 MURATA-IML-0688 Datasheet
185Kb / 2P
   Sensor
PKGS-45TAV-R MURATA-PKGS-45TAV-R_17 Datasheet
205Kb / 3P
   Sensor
IML-0638 MURATA-IML-0638_17 Datasheet
185Kb / 2P
   Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com