Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DRV8847 Datasheet(PDF) 6 Page - Texas Instruments

No. de pieza DRV8847
Descripción Electrónicos  Dual H-Bridge Motor Driver
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

DRV8847 Datasheet(HTML) 6 Page - Texas Instruments

Back Button DRV8847_18 Datasheet HTML 2Page - Texas Instruments DRV8847_18 Datasheet HTML 3Page - Texas Instruments DRV8847_18 Datasheet HTML 4Page - Texas Instruments DRV8847_18 Datasheet HTML 5Page - Texas Instruments DRV8847_18 Datasheet HTML 6Page - Texas Instruments DRV8847_18 Datasheet HTML 7Page - Texas Instruments DRV8847_18 Datasheet HTML 8Page - Texas Instruments DRV8847_18 Datasheet HTML 9Page - Texas Instruments DRV8847_18 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 55 page
background image
6
DRV8847
SLVSE65 – JULY 2018
www.ti.com
Product Folder Links: DRV8847
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Thermal Information (continued)
THERMAL METRIC(1)
DRV8847, DRV8847S
DRV8847
DRV8847
UNIT
PW (TSSOP)
PWP (HTSSOP)
RTE (QFN)
16 PINS
16 PINS
16 PINS
ΨJB
Junction-to-board characterization parameter
53.6
19.0
21.3
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
N/A
5.9
6.1
°C/W
6.5 Electrical Characteristics
VVM = 2.7 to 18 V over operating ambient temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
POWER SUPPLIES (VM)
VVM
VM operating voltage
2.7
18
V
IVM
VM operating supply current
VM = 2.7 V; nSLEEP = 1; INX = 0
2
2.5
mA
VM = 5 V; nSLEEP = 1; INX = 0
3
3.5
mA
VM = 12 V; nSLEEP = 1; INX = 0
3
3.5
mA
IVMQ
VM sleep mode current
VM = 2.7 V; nSLEEP = 0; TA = 25°C
0.5
µA
VM = 2.7 V; nSLEEP = 0; TA = 85°C
1
µA
VM = 5 V; nSLEEP = 0; TA = 25°C
1
µA
VM = 5 V; nSLEEP = 0; TA = 85°C
1.5
µA
VM = 12 V; nSLEEP = 0; TA = 25°C
3
µA
VM = 12 V; nSLEEP = 0; TA = 85°C
3.5
µA
tSLEEP
Sleep time
nSLEEP = 0 to sleep mode
2
µs
tWAKE
Wake-up time
nSLEEP = 1 to output transition
1.5
ms
tON
Turnon-time
VM > UVLO to output transition
(nSLEEP = 1)
1.5
ms
LOGIC-LEVEL INPUTS (IN1, IN2, IN3, IN4, NSLEEP, TRQ, SCL, SDA)
VIL
Input logic low voltage
0
0.6
V
VIH
Input logic high voltage
1.6
5.5
V
VHYS
Input logic hysteresis
nSLEEP pin
40
mV
VHYS
Input logic hysteresis
IN1, IN2, IN3, IN4, TRQ, SCL pins
100
mV
IIL
Input logic low current
VIN = 0 V
-1
1
µA
IIH
Input logic high current
IN1, IN2, IN3, IN4, TRQ, VIN = 5 V
1
35
µA
nSLEEP, VIN = 5 V
1
25
µA
tPD
Propagation Delay
INx edge to output
100
400
600
ns
TRI-LEVEL INPUTS (MODE)
VIL
Tri-level input logic low voltage
0
0.6
V
VIZ
Tri-level input hi-Z voltage
1.2
V
VIH
Tri-level input logic high voltage
1.6
5.5
V
IIL
Tri-level input logic low current
VIN = 0 V
1
35
µA
IIH
Tri-level input logic high current
VIN = 5 V
1
35
µA
OPEN-DRAIN OUTPUTS (nFAULT)
VOL
Output logic low voltage
IOD = 5 mA
0.5
V
IOH
Output logic high current
VOD = 3.3 V
-1
1
µA
OPEN-DRAIN OUTPUTS (SDA)
VOL
Output logic low voltage
IOD = 5 mA
0.5
V
IOH
Output logic high current
VOD = 3.3 V
-1
1
µA
CB
Capacitive load for each bus line
400
pF
DRIVER OUTPUTS (OUT1, OUT2, OUT3, OUT4)


Número de pieza similar - DRV8847_18

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
DRV8847_1812 TI1-DRV8847_1812 Datasheet
2Mb / 70P
[Old version datasheet]   Dual H-Bridge Motor Driver
More results

Descripción similar - DRV8847_18

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
LV8716QA ONSEMI-LV8716QA Datasheet
389Kb / 15P
   Dual H-bridge Motor Driver
July, 2014
logo
Princeton Technology Co...
PT5139 PTC-PT5139 Datasheet
1Mb / 18P
   Dual H-Bridge Motor Driver
logo
Texas Instruments
DRV8848 TI1-DRV8848_16 Datasheet
1,018Kb / 27P
[Old version datasheet]   Dual H-Bridge Motor Driver
DRV8847 TI1-DRV8847_19 Datasheet
2Mb / 67P
[Old version datasheet]   Dual H-Bridge Motor Driver
DRV8847_1812 TI1-DRV8847_1812 Datasheet
2Mb / 70P
[Old version datasheet]   Dual H-Bridge Motor Driver
DRV8833C TI1-DRV8833C Datasheet
1Mb / 29P
[Old version datasheet]   Dual H-Bridge Motor Driver
DRV8847 TI1-DRV8847 Datasheet
626Kb / 51P
[Old version datasheet]   Dual H-Bridge Motor Driver
DRV8833 TI1-DRV8833_16 Datasheet
1Mb / 30P
[Old version datasheet]   Dual H-Bridge Motor Driver
DRV8833 TI1-DRV8833 Datasheet
961Kb / 22P
[Old version datasheet]   DUAL H-BRIDGE MOTOR DRIVER
AUGUST2011
DRV8848 TI-DRV8848_15 Datasheet
975Kb / 28P
[Old version datasheet]   DRV8848 Dual H-Bridge Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com