Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DS90UB962-Q1 Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
No. de pieza DS90UB962-Q1
Descripción Electrónicos  Quad 3-Gbps FPD-Link III Deserializer Hub With Single CSI-2 Output Port
Download  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

DS90UB962-Q1 Datasheet(HTML) 33 Page - Texas Instruments

Back Button DS90UB962-Q1 Datasheet HTML 29Page - Texas Instruments DS90UB962-Q1 Datasheet HTML 30Page - Texas Instruments DS90UB962-Q1 Datasheet HTML 31Page - Texas Instruments DS90UB962-Q1 Datasheet HTML 32Page - Texas Instruments DS90UB962-Q1 Datasheet HTML 33Page - Texas Instruments DS90UB962-Q1 Datasheet HTML 34Page - Texas Instruments DS90UB962-Q1 Datasheet HTML 35Page - Texas Instruments DS90UB962-Q1 Datasheet HTML 36Page - Texas Instruments DS90UB962-Q1 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 169 page
background image
33
DS90UB962-Q1
www.ti.com
SNLS573 – AUGUST 2018
Product Folder Links: DS90UB962-Q1
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
DS90UB962-Q1 deserializer, the latency and jitter timing are on the order of one back channel frame. The back
channel GPIO is effectively sampled at a rate of 1/30 of the back channel rate or 1.67 MHz at fBC = 50 Mbps. TI
recommends that the input switching frequency for the back channel GPIO is < 1/4 of the sampling rate or 416
kHz at fBC = 50 Mbps. For example, when operating in 4-Gbps synchronous mode with REFCLK = 25 MHz, the
maximum recommended GPIO input frequency based on the data rate when linked over the back channel is
shown in Table 10.
Table 10. Back Channel GPIO Typical Timing
BACK CHANNEL RATE
(Mbps)
SAMPLING
FREQUENCY (kHz)
MAXIMUM
RECOMMENDED BACK
CHANNEL GPIO
FREQUENCY (kHz)
TYPICAL LATENCY (µs)
TYPICAL JITTER (µs)
50
1670
416
1.5
0.7
10
334
83.5
3.2
3
2.5
83.5
20
12.2
12
In addition to sending GPIO from pins, an internally generated FrameSync or external FrameSync input signal
may be mapped to any of the back channel GPIOs for synchronization of multiple sensors with extremely low
skew (see FrameSync Operation).
In addition to sending GPIO from pins, an internally generated FrameSync signal may be sent on any of the back
channel GPIOs.
For each port, the following GPIO control is available through the BC_GPIO_CTL0 register 0x6E and
BC_GPIO_CTL1 register 0x6F.
7.4.11.5 GPIO Pin Status
GPIO pin status may be read through the GPIO_PIN_STS register 0x0E. This register provides the status of the
GPIO pin independent of whether the GPIO pin is configured as an input or output.
7.4.11.6 Other GPIO Pin Controls
Each GPIO pin can has a input disable and a pulldown disable. By default, the GPIO pin input paths are enabled
and the internal pulldown circuit in the GPIO is enabled. The GPIO_INPUT_CTL register 0x0F (Table 34) and
GPIO_PD_CTL register 0xBE (Table 177) allow control of the input enable and the pulldown, respectively. For
most applications, there is no need to modify the default register settings.
7.4.12 RAW Mode LV / FV Controls
The Raw modes provide FrameValid (FV) and LineValid (LV) controls for the video framing. The FV is equivalent
to a Vertical Sync (VSYNC) while the LineValid is equivalent to a Horizontal Sync (HSYNC) input to the
DS90UB913A-Q1 / DS90UB933-Q1 device.
The DS90UB962-Q1 allows setting the polarity of these signals by register programming. The FV and LV polarity
are controlled on a per-port basis and can be independently set in the PORT_CONFIG2 register 0x7C
(Table 139).
To prevent false detection of FrameValid, FV must be asserted for a minimum number of clocks prior to first
video line to be considered valid. The minimum FrameValid time is programmable in the FV_MIN_TIME register
0xBC. Because the measurement is in FPD3 clocks, the minimum FrameValid setup to LineValid timing at the
Serializer will vary based on operating mode.
A minimum FV to LV timing is required when processing video frames at the serializer input. If the FV to LV
minimum setup is not met (by default), the first video line is discarded. Optionally, a register control
(PORT_CONFIG:DISCARD_1ST_ON_ERR) forwards the first video line missing some number of pixels at the
start of the line. There is no timing restrictions at the end of the frame.


Número de pieza similar - DS90UB962-Q1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
DS90UB960-Q1 TI1-DS90UB960-Q1 Datasheet
201Kb / 6P
[Old version datasheet]   Quad 2MP Camera Hub FPD-Link III Deserializer
DS90UB960-Q1 TI1-DS90UB960-Q1 Datasheet
883Kb / 12P
[Old version datasheet]   Quad FPD-Link III Deserializer Hub With Dual MIPI CSI-2 Ports for 2MP/60fps Camera, RADAR & Other Sensors
DS90UB960-Q1 TI1-DS90UB960-Q1 Datasheet
378Kb / 9P
[Old version datasheet]   Quad FPD-Link III Deserializer Hub With Dual MIPI CSI-2 Ports for 2MP/60fps Camera, RADAR and Other Sensors
DS90UB960-Q1 TI1-DS90UB960-Q1_17 Datasheet
883Kb / 12P
[Old version datasheet]   Quad FPD-Link III Deserializer Hub With Dual MIPI CSI-2 Ports for 2MP/60fps Camera, RADAR & Other Sensors
DS90UB960-Q1 TI1-DS90UB960-Q1_18 Datasheet
378Kb / 9P
[Old version datasheet]   Quad FPD-Link III Deserializer Hub With Dual MIPI CSI-2 Ports for 2MP/60fps Camera, RADAR and Other Sensors
More results

Descripción similar - DS90UB962-Q1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
DS90UB662-Q1 TI-DS90UB662-Q1 Datasheet
4Mb / 169P
[Old version datasheet]   DS90UB662-Q1 Quad 3-Gbps FPD-Link III Deserializer Hub With Single CSI-2 Output Port
DS90UB936-Q1 TI1-DS90UB936-Q1 Datasheet
1Mb / 151P
[Old version datasheet]   Dual, 2.5 Gbps, FPD-Link III Deserializer Hub With MIPI CSI-2 Outputs
DS90UB940-Q1 TI1-DS90UB940-Q1 Datasheet
1Mb / 84P
[Old version datasheet]   FPD-Link III to CSI-2 Deserializer
DS90UH940-Q1 TI1-DS90UH940-Q1 Datasheet
1Mb / 87P
[Old version datasheet]   FPD-Link III to CSI-2 Deserializer
DS90UB638-Q1 TI-DS90UB638-Q1 Datasheet
3Mb / 142P
[Old version datasheet]   DS90UB638-Q1 FPD-Link III 4.16-Gbps Single Input Deserializer With MIPI CSI-2 Output
FEBRUARY 2023
DS90UB935-Q1 TI1-DS90UB935-Q1 Datasheet
1Mb / 88P
[Old version datasheet]   FPD-Link III 3-Gbps Serializer With CSI-2 Interface
DS90UB940N-Q1 TI1-DS90UB940N-Q1 Datasheet
1Mb / 97P
[Old version datasheet]   1080p FPD-Link III to CSI-2 deserializer
DS90UB960-Q1 TI1-DS90UB960-Q1 Datasheet
201Kb / 6P
[Old version datasheet]   Quad 2MP Camera Hub FPD-Link III Deserializer
DS90UB964-Q1 TI1-DS90UB964-Q1 Datasheet
1Mb / 116P
[Old version datasheet]   DS90UB964-Q1 Quad FPD-Link III Deserializer Hub
DS90UH940N-Q1 TI1-DS90UH940N-Q1_18 Datasheet
2Mb / 107P
[Old version datasheet]   1080p FPD-Link III to CSI-2 Deserializer With HDCP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com