Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DS90UB962-Q1 Datasheet(PDF) 34 Page - Texas Instruments

Click here to check the latest version.
No. de pieza DS90UB962-Q1
Descripción Electrónicos  Quad 3-Gbps FPD-Link III Deserializer Hub With Single CSI-2 Output Port
Download  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

DS90UB962-Q1 Datasheet(HTML) 34 Page - Texas Instruments

Back Button DS90UB962-Q1 Datasheet HTML 30Page - Texas Instruments DS90UB962-Q1 Datasheet HTML 31Page - Texas Instruments DS90UB962-Q1 Datasheet HTML 32Page - Texas Instruments DS90UB962-Q1 Datasheet HTML 33Page - Texas Instruments DS90UB962-Q1 Datasheet HTML 34Page - Texas Instruments DS90UB962-Q1 Datasheet HTML 35Page - Texas Instruments DS90UB962-Q1 Datasheet HTML 36Page - Texas Instruments DS90UB962-Q1 Datasheet HTML 37Page - Texas Instruments DS90UB962-Q1 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 169 page
background image
KEY:
ST ± Start of Transmission
PH ± Packet Header
ET ± End of Transmission
PF ± Packet Footer
LPS ± Low Power State
DATA:
DATA
DATA
PF
PH
PH
PF
SP
SP
LPS
ET
ST
LPS
ET
ST
ST
LPS
ET
ST
ET
Short
Packet
Long
Packet
Long
Packet
Short
Packet
FV
LV
TFV_LV
34
DS90UB962-Q1
SNLS573 – AUGUST 2018
www.ti.com
Product Folder Links: DS90UB962-Q1
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Figure 18. Minimum FV to LV
Table 11. Minimum FV to LV Setup Requirement (in Serializer PCLKs)
MODE
FV_MIN_TIME
Conversion Factor
Absolute Min
(FV_MIN_TIME = 0)
Default
(FV_MIN_TIME = 128)
RAW12 LF
1
2
130
RAW12 HF
1.5
3
195
RAW10
2
5
261
For other settings of FV_MIN_TIME, use Equation 1 to determine the required FV to LV setup in Serializer
PCLKs.
Absolute Min + (FV_MIN_TIME × Conversion factor)
(1)
7.4.13 CSI-2 Protocol Layer
The DS90UB962-Q1 implements High-Speed mode to forward CSI-2 Low Level Protocol data. This includes
features as described in the Low Level Protocol section of the MIPI CSI-2 Specification. It supports short and
long packet formats.
The feature set of the protocol layer implemented by the CSI-2 TX is:
Transport of arbitrary data (payload-independent)
8-bit word size
Support for up to four interleaved virtual channels on the same link
Special packets for frame start, frame end, line start, and line end information
Descriptor for the type, pixel depth, and format of the Application Specific Payload data
16-bit Checksum Code for error detection
Figure 19 shows the CSI-2 protocol layer with short and long packets.
Figure 19. CSI-2 Protocol Layer With Short and Long Packets
7.4.14 CSI-2 Short Packet
The short packet provides frame or line synchronization. Figure 20 shows the structure of a short packet. A short
packet is identified by data types 0x00 to 0x0F.


Número de pieza similar - DS90UB962-Q1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
DS90UB960-Q1 TI1-DS90UB960-Q1 Datasheet
201Kb / 6P
[Old version datasheet]   Quad 2MP Camera Hub FPD-Link III Deserializer
DS90UB960-Q1 TI1-DS90UB960-Q1 Datasheet
883Kb / 12P
[Old version datasheet]   Quad FPD-Link III Deserializer Hub With Dual MIPI CSI-2 Ports for 2MP/60fps Camera, RADAR & Other Sensors
DS90UB960-Q1 TI1-DS90UB960-Q1 Datasheet
378Kb / 9P
[Old version datasheet]   Quad FPD-Link III Deserializer Hub With Dual MIPI CSI-2 Ports for 2MP/60fps Camera, RADAR and Other Sensors
DS90UB960-Q1 TI1-DS90UB960-Q1_17 Datasheet
883Kb / 12P
[Old version datasheet]   Quad FPD-Link III Deserializer Hub With Dual MIPI CSI-2 Ports for 2MP/60fps Camera, RADAR & Other Sensors
DS90UB960-Q1 TI1-DS90UB960-Q1_18 Datasheet
378Kb / 9P
[Old version datasheet]   Quad FPD-Link III Deserializer Hub With Dual MIPI CSI-2 Ports for 2MP/60fps Camera, RADAR and Other Sensors
More results

Descripción similar - DS90UB962-Q1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
DS90UB662-Q1 TI-DS90UB662-Q1 Datasheet
4Mb / 169P
[Old version datasheet]   DS90UB662-Q1 Quad 3-Gbps FPD-Link III Deserializer Hub With Single CSI-2 Output Port
DS90UB936-Q1 TI1-DS90UB936-Q1 Datasheet
1Mb / 151P
[Old version datasheet]   Dual, 2.5 Gbps, FPD-Link III Deserializer Hub With MIPI CSI-2 Outputs
DS90UB940-Q1 TI1-DS90UB940-Q1 Datasheet
1Mb / 84P
[Old version datasheet]   FPD-Link III to CSI-2 Deserializer
DS90UH940-Q1 TI1-DS90UH940-Q1 Datasheet
1Mb / 87P
[Old version datasheet]   FPD-Link III to CSI-2 Deserializer
DS90UB638-Q1 TI-DS90UB638-Q1 Datasheet
3Mb / 142P
[Old version datasheet]   DS90UB638-Q1 FPD-Link III 4.16-Gbps Single Input Deserializer With MIPI CSI-2 Output
FEBRUARY 2023
DS90UB935-Q1 TI1-DS90UB935-Q1 Datasheet
1Mb / 88P
[Old version datasheet]   FPD-Link III 3-Gbps Serializer With CSI-2 Interface
DS90UB940N-Q1 TI1-DS90UB940N-Q1 Datasheet
1Mb / 97P
[Old version datasheet]   1080p FPD-Link III to CSI-2 deserializer
DS90UB960-Q1 TI1-DS90UB960-Q1 Datasheet
201Kb / 6P
[Old version datasheet]   Quad 2MP Camera Hub FPD-Link III Deserializer
DS90UB964-Q1 TI1-DS90UB964-Q1 Datasheet
1Mb / 116P
[Old version datasheet]   DS90UB964-Q1 Quad FPD-Link III Deserializer Hub
DS90UH940N-Q1 TI1-DS90UH940N-Q1_18 Datasheet
2Mb / 107P
[Old version datasheet]   1080p FPD-Link III to CSI-2 Deserializer With HDCP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com