Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DS90UB962-Q1 Datasheet(PDF) 69 Page - Texas Instruments

Click here to check the latest version.
No. de pieza DS90UB962-Q1
Descripción Electrónicos  Quad 3-Gbps FPD-Link III Deserializer Hub With Single CSI-2 Output Port
Download  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

DS90UB962-Q1 Datasheet(HTML) 69 Page - Texas Instruments

Back Button DS90UB962-Q1 Datasheet HTML 65Page - Texas Instruments DS90UB962-Q1 Datasheet HTML 66Page - Texas Instruments DS90UB962-Q1 Datasheet HTML 67Page - Texas Instruments DS90UB962-Q1 Datasheet HTML 68Page - Texas Instruments DS90UB962-Q1 Datasheet HTML 69Page - Texas Instruments DS90UB962-Q1 Datasheet HTML 70Page - Texas Instruments DS90UB962-Q1 Datasheet HTML 71Page - Texas Instruments DS90UB962-Q1 Datasheet HTML 72Page - Texas Instruments DS90UB962-Q1 Datasheet HTML 73Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 169 page
background image
69
DS90UB962-Q1
www.ti.com
SNLS573 – AUGUST 2018
Product Folder Links: DS90UB962-Q1
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
7.6.1.8 BCC_WATCHDOG_CONTROL Register
The BCC watchdog timer allows termination of a control channel transaction if it fails to complete within a
programmed amount of time.
Table 26. BCC_WATCHDOG_CONTROL Register (Address 0x07)
BIT
FIELD
TYPE
DEFAULT
DESCRIPTION
7:1
BCC_WATCHDOG
_TIMER
R/W
0x7F
The watchdog timer allows termination of a control channel
transaction if it fails to complete within a programmed amount of
time. This field sets the Bi-directional Control Channel Watchdog
Timeout value in units of 2 milliseconds. This field should not be set
to 0.
0
BCC_WATCHDOG
_TIMER_DISABLE
R/W
0
Disable Bi-directional Control Channel Watchdog Timer
1: Disables BCC Watchdog Timer operation
0: Enables BCC Watchdog Timer operation
7.6.1.9 I2C_CONTROL_1 Register
Table 27. I2C_CONTROL_1 Register (Address 0x08)
BIT
FIELD
TYPE
DEFAULT
DESCRIPTION
7
LOCAL_WRITE
_DISABLE
R/W
0
Disable Remote Writes to Local Registers
Setting this bit to a 1 will prevent remote writes to local device
registers from across the control channel. This prevents writes to the
Deserializer registers from an I2C master attached to the Serializer.
Setting this bit does not affect remote access to I2C slaves at the
Deserializer.
6:4
I2C_SDA_HOLD
R/W
0x1
Internal SDA Hold Time
This field configures the amount of internal hold time provided for the
SDA input relative to the SCL input. Units are 50 nanoseconds.
3:0
I2C_FILTER_DEPTH
R/W
0xC
I2C Glitch Filter Depth
This field configures the maximum width of glitch pulses on the SCL
and SDA inputs that is rejected. Units are 5 nanoseconds.
7.6.1.10 I2C_CONTROL_2 Register
Table 28. I2C_CONTROL_2 Register (Address 0x09)
BIT
FIELD
TYPE
DEFAULT
DESCRIPTION
7:4
SDA_OUTPUT_SETUP
R/W
0x1
Remote Ack SDA Output Setup
When a Control Channel (remote) access is active, this field
configures setup time from the SDA output relative to the rising edge
of SCL during ACK cycles. Setting this value will increase setup time
in units of 640ns. The nominal output setup time value for SDA to
SCL when this field is 0 is 80ns.
3:2
SDA_OUTPUT_DELAY
R/W
0x0
SDA Output Delay
This field configures additional delay on the SDA output relative to
the falling edge of SCL. Setting this value will increase output delay
in units of 40ns. Nominal output delay values for SCL to SDA are:
00: 240ns
01: 280ns
10: 320ns
11: 360ns
1
I2C_BUS_TIMER
_SPEEDUP
R/W
0
Speed up I2C Bus Watchdog Timer
1: Watchdog Timer expires after approximately 50 microseconds
0: Watchdog Timer expires after approximately 1 second.
0
I2C_BUS_TIMER
_DISABLE
R/W
0
Disable I2C Bus Watchdog Timer
When the I2C Watchdog Timer may be used to detect when the I2C
bus is free or hung up following an invalid termination of a
transaction. If SDA is high and no signalling occurs for approximately
1 second, the I2C bus will assumed to be free. If SDA is low and no
signaling occurs, the device will attempt to clear the bus by driving 9
clocks on SCL


Número de pieza similar - DS90UB962-Q1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
DS90UB960-Q1 TI1-DS90UB960-Q1 Datasheet
201Kb / 6P
[Old version datasheet]   Quad 2MP Camera Hub FPD-Link III Deserializer
DS90UB960-Q1 TI1-DS90UB960-Q1 Datasheet
883Kb / 12P
[Old version datasheet]   Quad FPD-Link III Deserializer Hub With Dual MIPI CSI-2 Ports for 2MP/60fps Camera, RADAR & Other Sensors
DS90UB960-Q1 TI1-DS90UB960-Q1 Datasheet
378Kb / 9P
[Old version datasheet]   Quad FPD-Link III Deserializer Hub With Dual MIPI CSI-2 Ports for 2MP/60fps Camera, RADAR and Other Sensors
DS90UB960-Q1 TI1-DS90UB960-Q1_17 Datasheet
883Kb / 12P
[Old version datasheet]   Quad FPD-Link III Deserializer Hub With Dual MIPI CSI-2 Ports for 2MP/60fps Camera, RADAR & Other Sensors
DS90UB960-Q1 TI1-DS90UB960-Q1_18 Datasheet
378Kb / 9P
[Old version datasheet]   Quad FPD-Link III Deserializer Hub With Dual MIPI CSI-2 Ports for 2MP/60fps Camera, RADAR and Other Sensors
More results

Descripción similar - DS90UB962-Q1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
DS90UB662-Q1 TI-DS90UB662-Q1 Datasheet
4Mb / 169P
[Old version datasheet]   DS90UB662-Q1 Quad 3-Gbps FPD-Link III Deserializer Hub With Single CSI-2 Output Port
DS90UB936-Q1 TI1-DS90UB936-Q1 Datasheet
1Mb / 151P
[Old version datasheet]   Dual, 2.5 Gbps, FPD-Link III Deserializer Hub With MIPI CSI-2 Outputs
DS90UB940-Q1 TI1-DS90UB940-Q1 Datasheet
1Mb / 84P
[Old version datasheet]   FPD-Link III to CSI-2 Deserializer
DS90UH940-Q1 TI1-DS90UH940-Q1 Datasheet
1Mb / 87P
[Old version datasheet]   FPD-Link III to CSI-2 Deserializer
DS90UB638-Q1 TI-DS90UB638-Q1 Datasheet
3Mb / 142P
[Old version datasheet]   DS90UB638-Q1 FPD-Link III 4.16-Gbps Single Input Deserializer With MIPI CSI-2 Output
FEBRUARY 2023
DS90UB935-Q1 TI1-DS90UB935-Q1 Datasheet
1Mb / 88P
[Old version datasheet]   FPD-Link III 3-Gbps Serializer With CSI-2 Interface
DS90UB940N-Q1 TI1-DS90UB940N-Q1 Datasheet
1Mb / 97P
[Old version datasheet]   1080p FPD-Link III to CSI-2 deserializer
DS90UB960-Q1 TI1-DS90UB960-Q1 Datasheet
201Kb / 6P
[Old version datasheet]   Quad 2MP Camera Hub FPD-Link III Deserializer
DS90UB964-Q1 TI1-DS90UB964-Q1 Datasheet
1Mb / 116P
[Old version datasheet]   DS90UB964-Q1 Quad FPD-Link III Deserializer Hub
DS90UH940N-Q1 TI1-DS90UH940N-Q1_18 Datasheet
2Mb / 107P
[Old version datasheet]   1080p FPD-Link III to CSI-2 Deserializer With HDCP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com