Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SRF1050CT Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

No. de pieza SRF1050CT
Descripción Electrónicos  Schottky Barrier Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ISC [Inchange Semiconductor Company Limited]
Página de inicio  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

SRF1050CT Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  SRF1050CT Datasheet HTML 1Page - Inchange Semiconductor Company Limited SRF1050CT Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc website:www.iscsemi.com
isc & iscsemi is registered trademark
1
Schottky Barrier Rectifier
SRF1050CT
FEATURES
·
Plastic material used carriers Underwriter Laboratory
·
Metal silicon junction, majority carrier conduction
·
Low Power Loss,high Efficiency
·
Guard ring for overvoltage protection
·
High Surge Capability,High Current Capability
·
Minimum Lot-to-Lot variations for robust device
performance and reliable operation
APPLICATIONS
·
For use in low voltage,high frequency inverters,free wheeling
and polarity protection applications.
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VRRM
VRWM
VR
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
50
35
50
V
IF(AV)
Average Rectified Forward Current
10
A
IFSM
Nonrepetitive Peak Surge Current
8.3ms single half sine-wave superimposed
on rated load conditions
125
A
TJ
Junction Temperature
-55~125
Tstg
Storage Temperature Range
-55~150


Número de pieza similar - SRF1050CT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
HY ELECTRONIC CORP.
SRF1050CT HY-SRF1050CT Datasheet
483Kb / 4P
   Schottky Barrier Recitifiers
logo
SAMYANG ELECTRONICS CO....
SRF1050CT SAMYANG-SRF1050CT Datasheet
1Mb / 2P
   SCHOTTKY BARRIER RECTIFIER
SRF1050CT SAMYANG-SRF1050CT Datasheet
1Mb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Nanjing International G...
SRF1050CT-50V-ITO-220AB DGNJDZ-SRF1050CT-50V-ITO-220AB Datasheet
112Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results

Descripción similar - SRF1050CT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
   Schottky Barrier Rectifier Schottky Barrier Type
logo
Shenzhen Ping Sheng Ele...
SS12 PFS-SS12 Datasheet
559Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Sanken electric
FMW-2156 SANKEN-FMW-2156 Datasheet
209Kb / 4P
   Schottky Barrier Rectifier
logo
Micro Commercial Compon...
1N60 MCC-1N60 Datasheet
419Kb / 3P
   Schottky Barrier Rectifier
LL60 MCC-LL60 Datasheet
400Kb / 3P
   Schottky Barrier Rectifier
logo
Vishay Siliconix
1N5820 VISHAY-1N5820_09 Datasheet
68Kb / 4P
   Schottky Barrier Rectifier
Revision: 20-Oct-09
logo
Galaxy Semi-Conductor H...
S5817 BILIN-S5817 Datasheet
57Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Vishay Siliconix
SBL1030 VISHAY-SBL1030 Datasheet
142Kb / 5P
   Schottky Barrier Rectifier
Revision: 25-Apr-08
logo
Chenmko Enterprise Co. ...
MPL1035PT CHENMKO-MPL1035PT Datasheet
260Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL270CTPT CHENMKO-SPL270CTPT Datasheet
161Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL320LLPT CHENMKO-SPL320LLPT Datasheet
153Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com