Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SCS140AE2 Datasheet(PDF) 4 Page - Rohm

No. de pieza SCS140AE2
Descripción Electrónicos  SiC Schottky Barrier Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

SCS140AE2 Datasheet(HTML) 4 Page - Rohm

  SCS140AE2 Datasheet HTML 1Page - Rohm SCS140AE2 Datasheet HTML 2Page - Rohm SCS140AE2 Datasheet HTML 3Page - Rohm SCS140AE2 Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
R1120A
www.rohm.com
© 2012 ROHM Co., Ltd. All rights reserved.
Notice
ROHM Customer Support System
http://www.rohm.com/contact/
Thank you for your accessing to ROHM product informations.
More detail product informations and catalogs are available, please contact us.
Notes
No copying or reproduction of this document, in part or in whole, is permitted without the
consent of ROHM Co.,Ltd.
The content specified herein is subject to change for improvement without notice.
The content specified herein is for the purpose of introducing ROHM's products (hereinafter
"Products"). If you wish to use any such Product, please be sure to refer to the specifications,
which can be obtained from ROHM upon request.
Examples of application circuits, circuit constants and any other information contained herein
illustrate the standard usage and operations of the Products. The peripheral conditions must
be taken into account when designing circuits for mass production.
Great care was taken in ensuring the accuracy of the information specified in this document.
However, should you incur any damage arising from any inaccuracy or misprint of such
information, ROHM shall bear no responsibility for such damage.
The technical information specified herein is intended only to show the typical functions of and
examples of application circuits for the Products. ROHM does not grant you, explicitly or
implicitly, any license to use or exercise intellectual property or other rights held by ROHM and
other parties. ROHM shall bear no responsibility whatsoever for any dispute arising from the
use of such technical information.
The Products specified in this document are intended to be used with general-use electronic
equipment or devices (such as audio visual equipment, office-automation equipment, commu-
nication devices, electronic appliances and amusement devices).
The Products specified in this document are not designed to be radiation tolerant.
While ROHM always makes efforts to enhance the quality and reliability of its Products, a
Product may fail or malfunction for a variety of reasons.
Please be sure to implement in your equipment using the Products safety measures to guard
against the possibility of physical injury, fire or any other damage caused in the event of the
failure of any Product, such as derating, redundancy, fire control and fail-safe designs. ROHM
shall bear no responsibility whatsoever for your use of any Product outside of the prescribed
scope or not in accordance with the instruction manual.
The Products are not designed or manufactured to be used with any equipment, device or
system which requires an extremely high level of reliability the failure or malfunction of which
may result in a direct threat to human life or create a risk of human injury (such as a medical
instrument, transportation equipment, aerospace machinery, nuclear-reactor controller, fuel-
controller or other safety device). ROHM shall bear no responsibility in any way for use of any
of the Products for the above special purposes. If a Product is intended to be used for any
such special purpose, please contact a ROHM sales representative before purchasing.
If you intend to export or ship overseas any Product or technology specified herein that may
be controlled under the Foreign Exchange and the Foreign Trade Law, you will be required to
obtain a license or permit under the Law.


Número de pieza similar - SCS140AE2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SeCoS Halbleitertechnol...
SCS140P SECOS-SCS140P Datasheet
184Kb / 2P
   VOLTAGE 20 V ~ 100 V 1.0 A Schottky Barrier Rectifiers
SCS140P SECOS-SCS140P Datasheet
313Kb / 2P
   Schottky Barrier Rectifiers
logo
WILLAS ELECTRONIC CORP
SCS140P WILLAS-SCS140P Datasheet
153Kb / 2P
   VOLTAGE 20V ~ 100V 1.0AMP Schottky Barrier Rectifiers
logo
SeCoS Halbleitertechnol...
SCS140P-C SECOS-SCS140P-C Datasheet
328Kb / 2P
   Schottky Barrier Rectifiers
SCS140PR SECOS-SCS140PR Datasheet
198Kb / 2P
   VOLTAGE 20V ~ 40V 1.0 AMP Schottky Barrier Rectifiers
More results

Descripción similar - SCS140AE2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
SCS206AGC ROHM-SCS206AGC Datasheet
363Kb / 6P
   SiC Schottky Barrier Diode
SCS205KGHR ROHM-SCS205KGHR Datasheet
478Kb / 6P
   SiC Schottky Barrier Diode
SCS208AGHR ROHM-SCS208AGHR Datasheet
481Kb / 6P
   SiC Schottky Barrier Diode
SCS215AGHR ROHM-SCS215AGHR Datasheet
541Kb / 6P
   SiC Schottky Barrier Diode
SCS220AJ ROHM-SCS220AJ Datasheet
493Kb / 6P
   SiC Schottky Barrier Diode
SVS212AGHR ROHM-SVS212AGHR Datasheet
478Kb / 6P
   SiC Schottky Barrier Diode
SCS210AG ROHM-SCS210AG_17 Datasheet
901Kb / 6P
   SiC Schottky Barrier Diode
SCS210AJHR ROHM-SCS210AJHR Datasheet
1Mb / 6P
   SiC Schottky Barrier Diode
SCS304AP ROHM-SCS304AP Datasheet
989Kb / 7P
   SiC Schottky Barrier Diode
SCS308AP ROHM-SCS308AP Datasheet
1,022Kb / 7P
   SiC Schottky Barrier Diode
SCS210KE2 ROHM-SCS210KE2 Datasheet
913Kb / 6P
   SiC Schottky Barrier Diode
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com