Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SMLP13WBC8W1 Datasheet(PDF) 6 Page - Rohm

No. de pieza SMLP13WBC8W1
Descripción Electrónicos  Surface Mount Chip LED
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

SMLP13WBC8W1 Datasheet(HTML) 6 Page - Rohm

Back Button SMLP13WBC8W1 Datasheet HTML 2Page - Rohm SMLP13WBC8W1 Datasheet HTML 3Page - Rohm SMLP13WBC8W1 Datasheet HTML 4Page - Rohm SMLP13WBC8W1 Datasheet HTML 5Page - Rohm SMLP13WBC8W1 Datasheet HTML 6Page - Rohm SMLP13WBC8W1 Datasheet HTML 7Page - Rohm SMLP13WBC8W1 Datasheet HTML 8Page - Rohm SMLP13WBC8W1 Datasheet HTML 9Page - Rohm SMLP13WBC8W1 Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
PRODUCTS
Surface Mount
Chip LED
TYPE
SMLP13WBC8W1
PAGE
【Figure 1】
1
0. 6
0.4
Te rmin al
C ath ode mar k
4-R 0.1 5
REV.:
SPECIFICATION No.: TENTATIVE (20101228)
TSZ22111・05・002
Cathode
Anode
(Note)Tolerance is ±0.05mm, unless otherwise specified.
Unit:mm)


Número de pieza similar - SMLP13WBC8W1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
SMLP13BC8T ROHM-SMLP13BC8T Datasheet
919Kb / 11P
   Original device technology enables high brightness and high reliability
SMLP13BC8T ROHM-SMLP13BC8T Datasheet
919Kb / 11P
   Ultra compact, thin size 1.0x0.6mm
SMLP13EC8T ROHM-SMLP13EC8T Datasheet
919Kb / 11P
   Original device technology enables high brightness and high reliability
SMLP13EC8T ROHM-SMLP13EC8T Datasheet
919Kb / 11P
   Ultra compact, thin size 1.0x0.6mm
More results

Descripción similar - SMLP13WBC8W1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
SMLD12HBC7W1 ROHM-SMLD12HBC7W1 Datasheet
180Kb / 7P
   Surface Mount Chip LED
SML-Z14VTT86A ROHM-SML-Z14VTT86A Datasheet
451Kb / 11P
   Surface Mount Chip LED
SCMP13WBC8W1 ROHM-SCMP13WBC8W1 Datasheet
252Kb / 11P
   Surface Mount Chip LED
SML-J14DT ROHM-SML-J14DT Datasheet
355Kb / 12P
   Surface Mount Chip LED
logo
Yellow Stone Corp
BL-HE134C YSTONE-BL-HE134C Datasheet
515Kb / 1P
   SURFACE MOUNT CHIP LED LAMPS
BL-HE136A YSTONE-BL-HE136A Datasheet
260Kb / 1P
   SURFACE MOUNT CHIP LED LAMPS
logo
BRIGHT LED ELECTRONICS ...
BL-HB536G-TRB_V1 BRIGHT-BL-HB536G-TRB_V1 Datasheet
345Kb / 8P
   SURFACE MOUNT CHIP LED LAMP
BL-HF033-TR BRIGHT-BL-HF033-TR Datasheet
310Kb / 7P
   SURFACE MOUNT CHIP LED LAMP
BL-HF035A-TRB BRIGHT-BL-HF035A-TRB_2 Datasheet
309Kb / 7P
   SURFACE MOUNT CHIP LED LAMP
BL-HG033A-AV-TRB BRIGHT-BL-HG033A-AV-TRB Datasheet
355Kb / 8P
   SURFACE MOUNT CHIP LED LAMP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com