Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SK1384R Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

No. de pieza 2SK1384R
Descripción Electrónicos  N-CHANNEL ENHANCEMENT TYPE MOS-FET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC - List of Unclassifed Manufacturers

2SK1384R Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  2SK1384R Datasheet HTML 1Page - List of Unclassifed Manufacturers 2SK1384R Datasheet HTML 2Page - List of Unclassifed Manufacturers 2SK1384R Datasheet HTML 3Page - List of Unclassifed Manufacturers 2SK1384R Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image


Número de pieza similar - 2SK1384R

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Inchange Semiconductor ...
2SK1384 ISC-2SK1384 Datasheet
70Kb / 2P
   Drain Current ?밒D=5A@ TC=25C
More results

Descripción similar - 2SK1384R

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Chenmko Enterprise Co. ...
2N7002SSPT CHENMKO-2N7002SSPT Datasheet
423Kb / 5P
   Dual N-Channel Enhancement MOS FET
2N7002VPT CHENMKO-2N7002VPT Datasheet
174Kb / 5P
   Dual N-Channel Enhancement MOS FET
logo
SHENZHEN FUMAN ELECTRON...
8205B FUMAN-8205B Datasheet
296Kb / 4P
   20V N-Channel Enhancement MOS FET
logo
Panasonic Semiconductor
XN1872 PANASONIC-XN1872 Datasheet
32Kb / 2P
   Silicon N-channel . Enhancement MOS FET
logo
SHENZHEN FUMAN ELECTRON...
9205A FUMAN-9205A Datasheet
294Kb / 4P
   10V N-Channel Enhancement MOS FET
8205D FUMAN-8205D Datasheet
245Kb / 3P
   20V N-Channel Enhancement MOS FET
logo
Chenmko Enterprise Co. ...
2N7002DSPT CHENMKO-2N7002DSPT Datasheet
246Kb / 5P
   Dual N-Channel Enhancement MOS FET
logo
SHENZHEN FUMAN ELECTRON...
8205C FUMAN-8205C Datasheet
245Kb / 3P
   20V N-Channel Enhancement MOS FET
9205S FUMAN-9205S Datasheet
304Kb / 4P
   10V N-Channel Enhancement MOS FET
SC8205 FUMAN-SC8205 Datasheet
329Kb / 3P
   20V N-Channel Enhancement MOS FET
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com