Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LA3410 Datasheet(PDF) 2 Page - Sanyo Semicon Device

No. de pieza LA3410
Descripción Electrónicos  VCO Non-Adjusting PLL FM MPX Stereo Demodulator with FM Accessories
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANYO [Sanyo Semicon Device]
Página de inicio  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA3410 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LA3410 Datasheet HTML 1Page - Sanyo Semicon Device LA3410 Datasheet HTML 2Page - Sanyo Semicon Device LA3410 Datasheet HTML 3Page - Sanyo Semicon Device LA3410 Datasheet HTML 4Page - Sanyo Semicon Device LA3410 Datasheet HTML 5Page - Sanyo Semicon Device LA3410 Datasheet HTML 6Page - Sanyo Semicon Device LA3410 Datasheet HTML 7Page - Sanyo Semicon Device LA3410 Datasheet HTML 8Page - Sanyo Semicon Device LA3410 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
LA3410
No.1407–2/13
Specifications
Absolute Maximum Ratings at Ta = 25˚C
˚C
˚C
Ta
≤60˚C
Operating Conditions at Ta = 25˚C
Operating Characteristics at Ta = 25˚C, VCC=12V, Vi=300mV, f=1kHz, L+R=90%, pilot=10%
Note 1 : The output voltage on pin 4 or 7 is measured after separation adjust.
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
Cs
g
n
i
t
a
Rt
i
n
U
e
g
a
t
l
o
V
y
l
p
p
u
S
m
u
m
i
x
a
MV C
C
x
a
m
6
1V
t
n
e
r
r
u
C
g
n
i
v
i
r
D
p
m
a
LIL
x
a
m
0
3A
m
n
o
i
t
a
p
i
s
s
i
D
r
e
w
o
P
e
l
b
a
w
o
ll
Ax
a
m
d
P
0
8
4W
m
e
r
u
t
a
r
e
p
m
e
T
g
n
i
t
a
r
e
p
Or
p
o
T
5
7
+
o
t
0
2
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
Sg
t
s
T
5
2
1
+
o
t
0
4
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
Cs
g
n
i
t
a
Rt
i
n
U
e
g
a
t
l
o
V
y
l
p
p
u
S
d
e
d
n
e
m
m
o
c
e
RV C
C
2
1V
e
g
n
a
R
e
g
a
t
l
o
V
g
n
i
t
a
r
e
p
OV C
C
p
o
4
1
o
t
5
.
6V
e
g
a
t
l
o
V
l
a
n
g
i
S
t
u
p
n
I
d
e
d
n
e
m
m
o
c
e
RVi
0
0
3V
m
r
e
t
e
m
a
r
a
Pl
o
b
m
y
S
s
n
o
i
t
i
d
n
o
Cs
g
n
i
t
a
R
t
i
n
U
n
i
mp
y
tx
a
m
t
n
e
r
r
u
C
t
n
e
c
s
e
i
u
Qo
c
c
It
n
e
c
s
e
i
u
Q5
.
8
18
2A
m
e
c
n
a
t
s
i
s
e
R
t
u
p
n
Ii
r
0
2k
y
l
p
p
u
S
r
e
w
o
P
f
o
n
o
i
t
c
e
j
e
R
e
l
p
p
i
R
4
3B
d
n
o
i
t
a
r
a
p
e
S
l
e
n
n
a
h
Cp
e
S
z
H
0
0
1
=
f5
4B
d
z
H
k
1
=
f0
45
5B
d
z
H
k
0
1
=
f2
4B
d
n
o
i
t
r
o
t
s
i
D
c
i
n
o
m
r
a
H
l
a
t
o
TD
H
T
o
n
o
m5
2
0
.
05
1
.
0%
z
H
0
0
1
=
f
n
i
a
m2
0
.
0%
z
H
k
1
=
f
n
i
a
m2
0
.
05
1
.
0%
z
H
k
0
1
=
f
n
i
a
m6
0
.
0%
b
u
s2
0
.
05
1
.
0%
l
e
v
e
L
t
u
p
n
I
e
l
b
a
w
o
ll
Ax
a
m
i
Vo
n
o
m
,
%
1
=
D
H
T0
0
70
0
8V
m
o
i
t
a
R
e
s
i
o
N
-
o
t
-
l
a
n
g
i
SN
/
S
k
1
.
5
=
g
R
,
o
n
o
m
F
P
L
,0
81
9B
d
k
1
.
5
=
g
R
,
o
n
o
m
F
P
B
F
H
I
,2
9B
d
l
e
v
e
L
g
n
i
t
h
g
i
L
p
m
a
LVL
l
e
v
e
l
t
o
li
P
487
1V
m
s
i
s
e
r
e
t
s
y
H
p
m
a
Ly
H
3B
d
e
g
n
a
R
e
r
u
t
p
a
C
8
.
0
+%
2
.
1
–%
e
g
a
t
l
o
V
t
u
p
t
u
Oo
V)
1
e
t
o
N
(
o
n
o
m0
0
50
3
70
0
0
1V
m
e
c
n
a
l
a
B
l
e
n
n
a
h
CB
Co
n
o
m
1B
d
k
a
e
L
r
e
i
r
r
a
C
1
3B
d
e
g
a
t
l
o
V
p
o
t
S
O
C
V
5
.
5V C
C
3
–V


Número de pieza similar - LA3410

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LA3401 SANYO-LA3401 Datasheet
470Kb / 16P
   VCO Non-Adjusting PLL FM MPX Stereo Demodulator with FM Accessories
LA3430 SANYO-LA3430 Datasheet
372Kb / 13P
   PLL FM MPX Stereo Demodulator with Pilot Canceler For Car Stereo Use
LA3430M SANYO-LA3430M Datasheet
87Kb / 4P
   PLL FM MPX Stereo Demodulator with Pilot Canceler For Car Stereo Use?
LA3433 SANYO-LA3433 Datasheet
663Kb / 13P
   Car Stereo-Use PLL FM MPX Stereo Demodulator with Pilot Canceler
LA3450 SANYO-LA3450 Datasheet
426Kb / 16P
   PLL FM MPX Stereo Demodulator with Adjustment-Free VCO And Measure Against Channel Interference
More results

Descripción similar - LA3410

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LA3401 SANYO-LA3401 Datasheet
470Kb / 16P
   VCO Non-Adjusting PLL FM MPX Stereo Demodulator with FM Accessories
LA3433 SANYO-LA3433 Datasheet
663Kb / 13P
   Car Stereo-Use PLL FM MPX Stereo Demodulator with Pilot Canceler
logo
Hitachi Semiconductor
HA1196 HITACHI-HA1196 Datasheet
64Kb / 2P
   PLL FM Stereo Demodulator
logo
Sanyo Semicon Device
LA3390 SANYO-LA3390 Datasheet
131Kb / 2P
   PLL FM MPX Demodulator with Post Amplifier
LA1826 SANYO-LA1826 Datasheet
331Kb / 16P
   AM/FM Tuner with MPX Stereo Demodulator
LA3450 SANYO-LA3450 Datasheet
426Kb / 16P
   PLL FM MPX Stereo Demodulator with Adjustment-Free VCO And Measure Against Channel Interference
LA3430 SANYO-LA3430 Datasheet
372Kb / 13P
   PLL FM MPX Stereo Demodulator with Pilot Canceler For Car Stereo Use
LA3430M SANYO-LA3430M Datasheet
87Kb / 4P
   PLL FM MPX Stereo Demodulator with Pilot Canceler For Car Stereo Use?
logo
Silan Microelectronics ...
SA3375 SILAN-SA3375 Datasheet
131Kb / 5P
   PLL FM MULTIPLEXER STEREO DEMODULATOR
SA3370 SILAN-SA3370 Datasheet
133Kb / 4P
   PLL FM MULTIPLEXER STEREO DEMODULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com