Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

KMM366S1623CTY-GL Datasheet(PDF) 1 Page - Samsung semiconductor

No. de pieza KMM366S1623CTY-GL
Descripción Electrónicos  PC100 SDRAM MODULE
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SAMSUNG [Samsung semiconductor]
Página de inicio  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KMM366S1623CTY-GL Datasheet(HTML) 1 Page - Samsung semiconductor

  KMM366S1623CTY-GL Datasheet HTML 1Page - Samsung semiconductor KMM366S1623CTY-GL Datasheet HTML 2Page - Samsung semiconductor KMM366S1623CTY-GL Datasheet HTML 3Page - Samsung semiconductor KMM366S1623CTY-GL Datasheet HTML 4Page - Samsung semiconductor KMM366S1623CTY-GL Datasheet HTML 5Page - Samsung semiconductor KMM366S1623CTY-GL Datasheet HTML 6Page - Samsung semiconductor KMM366S1623CTY-GL Datasheet HTML 7Page - Samsung semiconductor KMM366S1623CTY-GL Datasheet HTML 8Page - Samsung semiconductor KMM366S1623CTY-GL Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
PC100 SDRAM MODULE
KMM366S1623CTY
REV. 0 August 1998
Preliminary
The Samsung KMM366S1623CTY is a 16M bit x 64 Synchro-
nous Dynamic RAM high density memory module. The Samsung
KMM366S1623CTY consists of sixteen CMOS 8M x 8 bit with
4banks Synchronous DRAMs in TSOP-II 400mil package and a
2K EEPROM in 8-pin TSSOP package on a 168-pin glass-epoxy
substrate. Two 0.1uF decoupling capacitors are mounted on the
printed circuit board in parallel for each SDRAM.
The KMM366S1623CTY is a Dual In-line Memory Module and is
intended for mounting into 168-pin edge connector sockets.
Synchronous design allows precise cycle control with the use of
system clock. I/O transactions are possible on every clock cycle.
Range of operating frequencies, programmable latencies allows
the same device to be useful for a variety of high bandwidth, high
performance memory system applications.
• Performance range
• Burst mode operation
• Auto & self refresh capability (4096 Cycles/64ms)
• LVTTL compatible inputs and outputs
• Single 3.3V
± 0.3V power supply
• MRS cycle with address key programs
Latency (Access from column address)
Burst length (1, 2, 4, 8 & Full page)
Data scramble (Sequential & Interleave)
• All inputs are sampled at the positive going edge of the
system clock
• Serial presence detect with EEPROM
• PCB : Height (1,150mil), double sided component
Part No.
Max Freq. (Speed)
KMM366S1623CTY-GH
100MHz (10ns @ CL=2)
KMM366S1623CTY-GL
100MHz (10ns @ CL=3)
FEATURE
GENERAL DESCRIPTION
KMM366S1623CTY SDRAM DIMM
16Mx64 SDRAM DIMM based on 8Mx8, 4Banks, 4K Refresh, 3.3V Synchronous DRAMs with SPD
PIN NAMES
*
These pins are not used in this module.
** These pins should be NC in the system
which does not support SPD.
Pin Name
Function
A0 ~ A11
Address input (Multiplexed)
BA0 ~ BA1
Select bank
DQ0 ~ DQ63
Data input/output
CLK0 ~ CLK3
Clock input
CKE0 ~ CKE1
Clock enable input
CS0 ~ CS3
Chip select input
RAS
Row address strobe
CAS
Column address strobe
WE
Write enable
DQM0 ~ 7
DQM
VDD
Power supply (3.3V)
VSS
Ground
*VREF
Power supply for reference
SDA
Serial data I/O
SCL
Serial clock
SA0 ~ 2
Address in EEPROM
WP
Write protection
DU
Don
′t use
NC
No connection
PIN CONFIGURATIONS (Front side/back side)
Pin
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
Front
VSS
DQ0
DQ1
DQ2
DQ3
VDD
DQ4
DQ5
DQ6
DQ7
DQ8
VSS
DQ9
DQ10
DQ11
DQ12
DQ13
VDD
DQ14
DQ15
*CB0
*CB1
VSS
NC
NC
VDD
WE
DQM0
Pin
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
49
50
51
52
53
54
55
56
Front
DQM1
CS0
DU
VSS
A0
A2
A4
A6
A8
A10/AP
BA1
VDD
VDD
CLK0
VSS
DU
CS2
DQM2
DQM3
DU
VDD
NC
NC
*CB2
*CB3
VSS
DQ16
DQ17
Pin
57
58
59
60
61
62
63
64
65
66
67
68
69
70
71
72
73
74
75
76
77
78
79
80
81
82
83
84
Front
DQ18
DQ19
VDD
DQ20
NC
*VREF
CKE1
VSS
DQ21
DQ22
DQ23
VSS
DQ24
DQ25
DQ26
DQ27
VDD
DQ28
DQ29
DQ30
DQ31
VSS
CLK2
NC
WP
**SDA
**SCL
VDD
Pin
85
86
87
88
89
90
91
92
93
94
95
96
97
98
99
100
101
102
103
104
105
106
107
108
109
110
111
112
Back
VSS
DQ32
DQ33
DQ34
DQ35
VDD
DQ36
DQ37
DQ38
DQ39
DQ40
VSS
DQ41
DQ42
DQ43
DQ44
DQ45
VDD
DQ46
DQ47
*CB4
*CB5
VSS
NC
NC
VDD
CAS
DQM4
Pin
113
114
115
116
117
118
119
120
121
122
123
124
125
126
127
128
129
130
131
132
133
134
135
136
137
138
139
140
Back
DQM5
CS1
RAS
VSS
A1
A3
A5
A7
A9
BA0
A11
VDD
CLK1
*A12
VSS
CKE0
CS3
DQM6
DQM7
*A13
VDD
NC
NC
*CB6
*CB7
VSS
DQ48
DQ49
Pin
141
142
143
144
145
146
147
148
149
150
151
152
153
154
155
156
157
158
159
160
161
162
163
164
165
166
167
168
Back
DQ50
DQ51
VDD
DQ52
NC
*VREF
NC
VSS
DQ53
DQ54
DQ55
VSS
DQ56
DQ57
DQ58
DQ59
VDD
DQ60
DQ61
DQ62
DQ63
VSS
CLK3
NC
**SA0
**SA1
**SA2
VDD
SAMSUNG ELECTRONICS CO., Ltd. reserves the right to change products and specifications without notice.


Número de pieza similar - KMM366S1623CTY-GL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Samsung semiconductor
KMM366S1623CT-G8 SAMSUNG-KMM366S1623CT-G8 Datasheet
151Kb / 10P
   PC100 SDRAM MODULE Preliminary
KMM366S1623CT-GH SAMSUNG-KMM366S1623CT-GH Datasheet
151Kb / 10P
   PC100 SDRAM MODULE Preliminary
KMM366S1623CT-GL SAMSUNG-KMM366S1623CT-GL Datasheet
151Kb / 10P
   PC100 SDRAM MODULE Preliminary
More results

Descripción similar - KMM366S1623CTY-GL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Samsung semiconductor
KMM374S403CT SAMSUNG-KMM374S403CT Datasheet
152Kb / 11P
   PC100 SDRAM MODULE
KMM366S1623BT SAMSUNG-KMM366S1623BT Datasheet
527Kb / 11P
   PC100 SDRAM MODULE
PC100 SAMSUNG-PC100 Datasheet
151Kb / 10P
   PC100 SDRAM MODULE Preliminary
logo
List of Unclassifed Man...
KVR100X64C3256 ETC1-KVR100X64C3256 Datasheet
33Kb / 1P
   100MHz SDRAM 168-Pin PC100 Memory Module
KVR100X64C2256 ETC1-KVR100X64C2256 Datasheet
33Kb / 1P
   100MHz SDRAM 168-Pin PC100 Memory Module
KVR100X64C3128 ETC1-KVR100X64C3128 Datasheet
32Kb / 1P
   100MHz SDRAM 168-Pin PC100 Memory Module
logo
Samsung semiconductor
M374S6453CTS SAMSUNG-M374S6453CTS Datasheet
165Kb / 11P
   M374S6453CTS PC133/PC100 Unbuffered SDRAM DIMM
logo
Mosel Vitelic, Corp
V436416S04V MOSEL-V436416S04V Datasheet
65Kb / 11P
   3.3 VOLT 16M x 64 HIGH PERFORMANCE PC100 UNBUFFERED SDRAM MODULE
V43644R04VCTG-10PC MOSEL-V43644R04VCTG-10PC Datasheet
54Kb / 11P
   3.3 VOLT 4M x 64 HIGH PERFORMANCE PC100 UNBUFFERED SDRAM MODULE
V43648S04VCTG-10PC MOSEL-V43648S04VCTG-10PC Datasheet
63Kb / 12P
   3.3 VOLT 8M x 64 HIGH PERFORMANCE PC100 UNBUFFERED SDRAM MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com