Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2908265 Datasheet(PDF) 2 Page - PHOENIX CONTACT

No. de pieza 2908265
Descripción Electrónicos  Intermediate element for modular extension of the volume of the housing in the pitch. The open intermediate element is 17.5 mm wide.
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHOENIX [PHOENIX CONTACT]
Página de inicio  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2908265 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  2908265 Datasheet HTML 1Page - PHOENIX CONTACT 2908265 Datasheet HTML 2Page - PHOENIX CONTACT 2908265 Datasheet HTML 3Page - PHOENIX CONTACT 2908265 Datasheet HTML 4Page - PHOENIX CONTACT 2908265 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
https://www.phoenixcontact.com/us/products/2908265
05.11.2013   Page 2 / 5
Electronic housing - ME 35 UTM - 2908265
Classifications
eCl@ss
eCl@ss 8.0
27182702
ETIM
ETIM 2.0
EC001031
ETIM 3.0
EC001031
ETIM 4.0
EC001031
ETIM 5.0
EC000886
UNSPSC
UNSPSC 6.01
31261501
UNSPSC 7.0901
31261501
UNSPSC 11
31261501
UNSPSC 12.01
31261501
UNSPSC 13.2
31261501
Approvals
Approvals
Approvals
UL Recognized
Ex Approvals
Approvals submitted
Approval details
UL Recognized 
Drawings


Número de pieza similar - 2908265

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
PHOENIX CONTACT
2908264 PHOENIX-2908264 Datasheet
129Kb / 10P
   Combination type 1/2 protective device - FLT-SEC-P-T1-3S-440/35-FM
09/12/2020
More results

Descripción similar - 2908265

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
PHOENIX CONTACT
2908275 PHOENIX-2908275 Datasheet
129Kb / 5P
   Intermediate element for modular extension of the volume of the housing in the pitch. The closed intermediate element is 17.5 mm wide.
2853666 PHOENIX-2853666 Datasheet
130Kb / 5P
   Intermediate element for modular extension of the volume of the housing in the pitch. The open intermediate element is 17.5 mm wide, color: Black
2853417 PHOENIX-2853417 Datasheet
128Kb / 5P
   Intermediate element for modular extension of the volume of the housing in the pitch. The closed intermediate element is 22.5 mm wide.
logo
Linx Technologies
ANT-418-CW-RAH LINX-ANT-418-CW-RAH Datasheet
379Kb / 2P
   The RAH Series utilizes a helical element to greatly reduce the physical length of the antenna housing.
12/4/13
logo
PHOENIX CONTACT
2958147 PHOENIX-2958147 Datasheet
48Kb / 2P
   Side element, for closing both ends of the base element UM-BEFE
logo
Linx Technologies
ANT-315-CW-RH LINX-ANT-315-CW-RH Datasheet
354Kb / 2P
   The RH Series utilizes a helical element to greatly reduce the physical length of the antenna housing.
1/5/2017
ANT-418-CW-RH LINX-ANT-418-CW-RH Datasheet
358Kb / 2P
   The RH Series utilizes a helical element to greatly reduce the physical length of the antenna housing.
1/5/2017
logo
PHOENIX CONTACT
2955593 PHOENIX-2955593 Datasheet
45Kb / 2P
   Side element, for closing both ends of the base element UM-BEFE
logo
Linx Technologies
ANT-433-CW-RH LINX-ANT-433-CW-RH Datasheet
361Kb / 2P
   The RH Series utilizes a helical element to greatly reduce the physical length of the antenna housing.
1/5/2017
logo
NXP Semiconductors
MC56F826XXDS NXP-MC56F826XXDS Datasheet
1Mb / 60P
   The following table is the comparsion of features among members of the family.
Rev. 0, 08/2018
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com