Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SC5023 Datasheet(PDF) 1 Page - Hitachi Semiconductor

No. de pieza 2SC5023
Descripción Electrónicos  High frequency amplifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  HITACHI [Hitachi Semiconductor]
Página de inicio  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SC5023 Datasheet(HTML) 1 Page - Hitachi Semiconductor

  2SC5023 Datasheet HTML 1Page - Hitachi Semiconductor 2SC5023 Datasheet HTML 2Page - Hitachi Semiconductor 2SC5023 Datasheet HTML 3Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Application
High frequency amplifier
Features
• Excellent high frequency characteristics
fT = 1000 MHz typ
• High breakdown voltage and low output
capacitance
VCEO = 100 V, Cob = 4.5 pF typ
• Suitable for wide band video amplifier
Absolute Maximum Ratings (Ta = 25°C)
Item
Symbol
Rating
Unit
———————————————————————————————————————————
Collector to base voltage
VCBO
100
V
———————————————————————————————————————————
Collector to emitter voltage
VCEO
100
V
———————————————————————————————————————————
Emitter to base voltage
VEBO
5V
———————————————————————————————————————————
Collector current
IC
0.2
A
———————————————————————————————————————————
Collector peak current
ic(peak)
0.5
A
———————————————————————————————————————————
Collector power dissipation
PC
1.25
W
———————————————————————————————————————————
Collector power dissipation
PC*1
8W
———————————————————————————————————————————
Junction temperature
Tj
150
°C
———————————————————————————————————————————
Storage temperature
Tstg
–55 to +150
°C
———————————————————————————————————————————
Note: 1. Value at TC = 25°C.
1
2
3
1. Emitter
2. Collector
3. Base
TO–126FM
2SC5023
Silicon NPN Epitaxial


Número de pieza similar - 2SC5023

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Panasonic Semiconductor
2SC5021 PANASONIC-2SC5021 Datasheet
251Kb / 1P
   Transistors (Selection Guide by Applications and Functions)
logo
Hitachi Semiconductor
2SC5022 HITACHI-2SC5022 Datasheet
34Kb / 7P
   Silicon NPN Triple Diffused
logo
Renesas Technology Corp
2SC5022 RENESAS-2SC5022 Datasheet
149Kb / 8P
   Silicon NPN Triple Diffused
logo
Hitachi Semiconductor
2SC5025 HITACHI-2SC5025 Datasheet
11Kb / 3P
   High frequency amplifier
logo
Panasonic Semiconductor
2SC5026 PANASONIC-2SC5026 Datasheet
37Kb / 2P
   Silicon PNP epitaxial planer type
More results

Descripción similar - 2SC5023

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
2SK1875-V TOSHIBA-2SK1875-V Datasheet
256Kb / 5P
   High Frequency Amplifier Applications AM High Frequency Amplifier Applications Audio Frequency Amplifier Applications
2SK711-BL TOSHIBA-2SK711-BL Datasheet
222Kb / 5P
   High Frequency Amplifier Applications AM High Frequency Amplifier Applications Audio Frequency Amplifier Applications
2SK711-V TOSHIBA-2SK711-V Datasheet
222Kb / 5P
   High Frequency Amplifier Applications AM High Frequency Amplifier Applications Audio Frequency Amplifier Applications
logo
Fairchild Semiconductor
KSC2223 FAIRCHILD-KSC2223 Datasheet
71Kb / 5P
   High Frequency Amplifier
logo
Hitachi Semiconductor
2SC5025 HITACHI-2SC5025 Datasheet
11Kb / 3P
   High frequency amplifier
2SC5120 HITACHI-2SC5120 Datasheet
26Kb / 5P
   High frequency amplifier
logo
Guangdong Kexin Industr...
2SC4774 KEXIN-2SC4774 Datasheet
44Kb / 1P
   High Frequency Amplifier
logo
ON Semiconductor
KSC2223 ONSEMI-KSC2223 Datasheet
183Kb / 7P
   High Frequency Amplifier
Rev. B2, November 2002
logo
Calogic, LLC
2N5484 CALOGIC-2N5484_15 Datasheet
87Kb / 2P
   HIGH FREQUENCY AMPLIFIER
2N5911 CALOGIC-2N5911_15 Datasheet
41Kb / 2P
   High Frequency Amplifier
logo
Leshan Radio Company
L2SC4083PT1G LRC-L2SC4083PT1G_15 Datasheet
519Kb / 2P
   High-Frequency Amplifier
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com