Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SC5450 Datasheet(PDF) 1 Page - Sanyo Semicon Device

No. de pieza 2SC5450
Descripción Electrónicos  Ultrahigh-Definition CRT Display Horizontal Deflection Output Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANYO [Sanyo Semicon Device]
Página de inicio  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC5450 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  2SC5450 Datasheet HTML 1Page - Sanyo Semicon Device 2SC5450 Datasheet HTML 2Page - Sanyo Semicon Device 2SC5450 Datasheet HTML 3Page - Sanyo Semicon Device 2SC5450 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Any and all SANYO products described or contained herein do not have specifications that can handle
applications that require extremely high levels of reliability, such as life-support systems, aircraft’s
control systems, or other applications whose failure can be reasonably expected to result in serious
physical and/or material damage. Consult with your SANYO representative nearest you before using
any SANYO products described or contained herein in such applications.
SANYO assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges,or other
parameters) listed in products specifications of any and all SANYO products described or contained
herein.
NPN Triple Diffused Planar Silicon Transistor
Ultrahigh-Definition CRT Display
Horizontal Deflection Output Applications
Ordering number:EN5955
2SC5450
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
61099TS (KOTO) TA-1386 No.5957–1/4
Specifications
Absolute Maximum Ratings at Ta = 25˚C
Package Dimensions
unit:mm
2039D
[2SC5450]
Features
· High speed.
· High breakdown voltage (VCBO=1600V).
· High reliability (Adoption of HVP process).
· Adoption of MBIT process.
˚C
˚C
Electrical Characteristics at Ta = 25˚C
1 : Base
2 : Collector
3 : Emitter
SANYO : TO-3PML
Tc=25˚C
Continued on next page.
16.0
2.0
2.8
1.0
5.6
3.1
2.0
0.6
5.45
5.45
12
3
3.4
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
Cs
g
n
i
t
a
Rt
i
n
U
e
g
a
t
l
o
V
e
s
a
B
-
o
t
-
r
o
t
c
e
ll
o
CV
O
B
C
0
0
6
1V
e
g
a
t
l
o
V
r
e
t
t
i
m
E
-
o
t
-
r
o
t
c
e
ll
o
CV
O
E
C
0
0
8V
e
g
a
t
l
o
V
e
s
a
B
-
o
t
-
r
e
t
t
i
m
EV
O
B
E
6V
t
n
e
r
r
u
C
r
o
t
c
e
ll
o
CIC
0
1A
)
e
s
l
u
P
(
t
n
e
r
r
u
C
r
o
t
c
e
ll
o
CI P
C
5
2A
n
o
i
t
a
p
i
s
s
i
D
r
o
t
c
e
ll
o
CPC
0
.
3W
0
7W
e
r
u
t
a
r
e
p
m
e
T
n
o
i
t
c
n
u
Jj
T
0
5
1
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
Sg
t
s
T
0
5
1
+
o
t
5
5
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
C
s
g
n
i
t
a
R
t
i
n
U
n
i
mp
y
tx
a
m
t
n
e
r
r
u
C
f
f
o
t
u
C
r
o
t
c
e
ll
o
C
I
O
B
C
V B
C
I
,
V
0
0
8
=
E 0
=0
1A
µ
t
n
e
r
r
u
C
f
f
o
t
u
C
r
o
t
c
e
ll
o
C
I
S
E
C
V E
C
R
,
V
0
0
6
1
=
E
B
0
=0
.
1A
m
e
g
a
t
l
o
V
n
i
a
t
s
u
S
r
e
t
t
i
m
E
-
o
t
-
r
o
t
c
e
ll
o
CV
)
s
u
s
(
O
E
C
IC
I
,
A
m
0
0
1
=
B 0
=0
0
8V
t
n
e
r
r
u
C
f
f
o
t
u
C
r
e
t
t
i
m
EI
O
B
E
V B
E
I
,
V
4
=
C 0
=0
.
1A
m
e
g
a
t
l
o
V
n
o
i
t
a
r
u
t
a
S
r
e
t
t
i
m
E
-
o
t
-
r
o
t
c
e
ll
o
CV
)
t
a
s
(
E
C
IC
I
,
A
7
=
B
A
5
7
.
1
=
5V
e
g
a
t
l
o
V
n
o
i
t
a
r
u
t
a
S
r
e
t
t
i
m
E
-
o
t
-
e
s
a
BV
)
t
a
s
(
E
B
IC
I
,
A
7
=
B
A
5
7
.
1
=5
.
1V


Número de pieza similar - 2SC5450

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Inchange Semiconductor ...
2SC5450 ISC-2SC5450 Datasheet
246Kb / 2P
   isc Silicon NPN Power Transistor
logo
New Jersey Semi-Conduct...
2SC5450 NJSEMI-2SC5450 Datasheet
129Kb / 2P
   High Speed Switching
More results

Descripción similar - 2SC5450

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
TS7992 SANYO-TS7992 Datasheet
40Kb / 3P
   Ultrahigh-Definition CRT Display Horizontal Deflection Output Applications
TS7994 SANYO-TS7994 Datasheet
37Kb / 3P
   Ultrahigh-Definition CRT Display Horizontal Deflection Output Applications
2SC5506 SANYO-2SC5506 Datasheet
41Kb / 4P
   Ultrahigh-Definition CRT Display Horizontal Deflection Output Applications
2SC5811 SANYO-2SC5811 Datasheet
40Kb / 3P
   Ultrahigh-Definition CRT Display Horizontal Deflection Output Applications
2SC5689 SANYO-2SC5689 Datasheet
29Kb / 4P
   Ultrahigh-Definition CRT Display Horizontal Deflection Output Applications
2SC5681 SANYO-2SC5681 Datasheet
28Kb / 4P
   Ultrahigh-Definition CRT Display Horizontal Deflection Output Applications
TT2062 SANYO-TT2062 Datasheet
481Kb / 4P
   ULTRAHIGH-DEFINITION CRT DISPLAY HORIZONTAL DEFLECTION OUTPUT APPLICATIONS
2SC5683 SANYO-2SC5683 Datasheet
28Kb / 4P
   Ultrahigh-Definition CRT Display Horizontal Deflection Output Applications
TS7990 SANYO-TS7990 Datasheet
39Kb / 3P
   Ultrahigh-Definition CRT Display Horizontal Deflection Output Applications
2SC5793 SANYO-2SC5793 Datasheet
53Kb / 3P
   Ultrahigh-Definition CRT Display Horizontal Deflection Output Applications
2SC5047 SANYO-2SC5047 Datasheet
88Kb / 3P
   Ultrahigh-Definition CRT Display Horizontal Deflection Output Applications???????
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com