Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SC5450 Datasheet(PDF) 3 Page - Sanyo Semicon Device

No. de pieza 2SC5450
Descripción Electrónicos  Ultrahigh-Definition CRT Display Horizontal Deflection Output Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANYO [Sanyo Semicon Device]
Página de inicio  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC5450 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  2SC5450 Datasheet HTML 1Page - Sanyo Semicon Device 2SC5450 Datasheet HTML 2Page - Sanyo Semicon Device 2SC5450 Datasheet HTML 3Page - Sanyo Semicon Device 2SC5450 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2SC5450
No.5955–3/4
0.1
2
3
5
7
7
1.0
2
3
5
7
10
0.1
2
3
5
7
2
3
5
7
1.0
2
3
5
2
3
5
7
10
2
3
5
7
2
3
5
7
7
1.0
0.1
7
0.1
35
7
1.0
23
5
7
10
22
100
35
7
3
5
7
10
2
1000
35
7
2
1.0
0.1
35
7
10
2
35
7
72
10
2
3
5
7
2
3
5
2
3
5
7
1.0
0.1
100
35
7
1000
35
7
23
2
Forward Bias A S O
SW Time - I C
SW Time - I B2
P
C =70W
VCC=200V
IC/IB1=6
IB2/IB1=2.5
R load
tf
tstg
VCC=200V
IC=6A
IB1=1A
R load
tf
tstg
I C
I CP
Tc=25
°C
Single pulse
Reverse Bias A S O
L =500
µH
IB2=-3A
Tc=25
°C
Single pulse
Collector-to-Emitter Voltage, VCE –V
Collector-to-Emitter Voltage, VCE –V
Collector Current, IC –A
Base Current, IB2 –A
80
100
120
140
160
60
40
20
0
80
100
120
140
160
60
40
20
0
0
20
10
30
70
80
40
50
60
0
2.0
3.0
1.0
4.0
PC - Ta
PC - Tc
Ambient Temperature, Ta –
°C
No
heat
sink
Case Temperature, Tc –
°C


Número de pieza similar - 2SC5450

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Inchange Semiconductor ...
2SC5450 ISC-2SC5450 Datasheet
246Kb / 2P
   isc Silicon NPN Power Transistor
logo
New Jersey Semi-Conduct...
2SC5450 NJSEMI-2SC5450 Datasheet
129Kb / 2P
   High Speed Switching
More results

Descripción similar - 2SC5450

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
TS7992 SANYO-TS7992 Datasheet
40Kb / 3P
   Ultrahigh-Definition CRT Display Horizontal Deflection Output Applications
TS7994 SANYO-TS7994 Datasheet
37Kb / 3P
   Ultrahigh-Definition CRT Display Horizontal Deflection Output Applications
2SC5506 SANYO-2SC5506 Datasheet
41Kb / 4P
   Ultrahigh-Definition CRT Display Horizontal Deflection Output Applications
2SC5811 SANYO-2SC5811 Datasheet
40Kb / 3P
   Ultrahigh-Definition CRT Display Horizontal Deflection Output Applications
2SC5689 SANYO-2SC5689 Datasheet
29Kb / 4P
   Ultrahigh-Definition CRT Display Horizontal Deflection Output Applications
2SC5681 SANYO-2SC5681 Datasheet
28Kb / 4P
   Ultrahigh-Definition CRT Display Horizontal Deflection Output Applications
TT2062 SANYO-TT2062 Datasheet
481Kb / 4P
   ULTRAHIGH-DEFINITION CRT DISPLAY HORIZONTAL DEFLECTION OUTPUT APPLICATIONS
2SC5683 SANYO-2SC5683 Datasheet
28Kb / 4P
   Ultrahigh-Definition CRT Display Horizontal Deflection Output Applications
TS7990 SANYO-TS7990 Datasheet
39Kb / 3P
   Ultrahigh-Definition CRT Display Horizontal Deflection Output Applications
2SC5793 SANYO-2SC5793 Datasheet
53Kb / 3P
   Ultrahigh-Definition CRT Display Horizontal Deflection Output Applications
2SC5047 SANYO-2SC5047 Datasheet
88Kb / 3P
   Ultrahigh-Definition CRT Display Horizontal Deflection Output Applications???????
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com