Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SC5681 Datasheet(PDF) 3 Page - Sanyo Semicon Device

No. de pieza 2SC5681
Descripción Electrónicos  Ultrahigh-Definition CRT Display Horizontal Deflection Output Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANYO [Sanyo Semicon Device]
Página de inicio  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC5681 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  2SC5681 Datasheet HTML 1Page - Sanyo Semicon Device 2SC5681 Datasheet HTML 2Page - Sanyo Semicon Device 2SC5681 Datasheet HTML 3Page - Sanyo Semicon Device 2SC5681 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2SC5681
No.6607-3/4
0
0
10
PC -- Tc
IT02399
40
30
20
60
70
50
80
85
90
40
20
100
120
60
80
140
160
0
0
1.0
0.5
1.5
PC -- Ta
IT02389
2.0
2.5
3.0
3.5
60
40
20
80
160
120
140
100
No
heat
sink
IT02395
0.1
0.1
SW Time -- IC
1.0
23
5
7
10
23
5
7
2
2
3
5
7
10
2
3
5
7
1.0
VCC=200V
IC / IB1=5
IB2 / IB1=2
R load
IT02397
IT02398
Reverse Bias A S O
1.0
Forward Bias A S O
23
5
7 10
23
5
7
23
5
7
100
1000
0.01
100
7
5
3
2
10
7
5
3
2
1.0
7
5
3
2
0.1
7
5
3
2
100
1000
23
5
7
2
0.1
2
3
5
100
7
2
3
5
10
7
2
3
5
1.0
7
Tc=25
°C
Single pulse
P
C =85W
tstg
tf
IT02396
0.1
0.1
SW Time -- IB2
1.0
23
5
7
23
5
7
10
2
3
5
7
10
2
3
5
7
1.0
VCC=200V
IC=7A
IB1=1.4A
R load
tstg
tf
ICP=35A
IC=15A
L=500
µH
IB2= --3A
Tc=25
°C
Single pulse
Collector Current, IC -- A
Base Current, IB2 -- A
Collector-to-Emitter Voltage, VCE -- V
Collector-to-Emitter Voltage, VCE -- V
Ambient Temperature, Ta --
°C
Case Temperature, Tc --
°C


Número de pieza similar - 2SC5681

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
New Jersey Semi-Conduct...
2SC568 NJSEMI-2SC568 Datasheet
127Kb / 1P
   General Purpose Diodes
logo
Sanyo Semicon Device
2SC5680 SANYO-2SC5680 Datasheet
28Kb / 4P
   Ultrahigh-Definition CRT Display Horizontal Deflection Output Applications
2SC5682 SANYO-2SC5682 Datasheet
28Kb / 4P
   Ultrahigh-Definition CRT Display Horizontal Deflection Output Applications
2SC5683 SANYO-2SC5683 Datasheet
28Kb / 4P
   Ultrahigh-Definition CRT Display Horizontal Deflection Output Applications
logo
Toshiba Semiconductor
2SC5684 TOSHIBA-2SC5684 Datasheet
129Kb / 3P
   SWITCHING REGULATOR AND HIGH VOLTAGE SWITCHING APPLICATIONS
More results

Descripción similar - 2SC5681

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
TS7992 SANYO-TS7992 Datasheet
40Kb / 3P
   Ultrahigh-Definition CRT Display Horizontal Deflection Output Applications
TS7994 SANYO-TS7994 Datasheet
37Kb / 3P
   Ultrahigh-Definition CRT Display Horizontal Deflection Output Applications
2SC5506 SANYO-2SC5506 Datasheet
41Kb / 4P
   Ultrahigh-Definition CRT Display Horizontal Deflection Output Applications
2SC5811 SANYO-2SC5811 Datasheet
40Kb / 3P
   Ultrahigh-Definition CRT Display Horizontal Deflection Output Applications
2SC5689 SANYO-2SC5689 Datasheet
29Kb / 4P
   Ultrahigh-Definition CRT Display Horizontal Deflection Output Applications
TT2062 SANYO-TT2062 Datasheet
481Kb / 4P
   ULTRAHIGH-DEFINITION CRT DISPLAY HORIZONTAL DEFLECTION OUTPUT APPLICATIONS
2SC5683 SANYO-2SC5683 Datasheet
28Kb / 4P
   Ultrahigh-Definition CRT Display Horizontal Deflection Output Applications
TS7990 SANYO-TS7990 Datasheet
39Kb / 3P
   Ultrahigh-Definition CRT Display Horizontal Deflection Output Applications
2SC5793 SANYO-2SC5793 Datasheet
53Kb / 3P
   Ultrahigh-Definition CRT Display Horizontal Deflection Output Applications
2SC5047 SANYO-2SC5047 Datasheet
88Kb / 3P
   Ultrahigh-Definition CRT Display Horizontal Deflection Output Applications???????
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com