Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AD5425 Datasheet(PDF) 7 Page - Analog Devices |
|
AD5425 Datasheet(HTML) 7 Page - Analog Devices |
7 / 20 page REV. 0 Typical Performance Characteristics–AD5425 –7– CODE 0.20 0.10 0.15 0 –0.05 0.05 –0.10 –0.15 –0.20 050 100 150 250 200 TA = 25 C VREF = 10V VDD = 5V TPC 1. INL vs. Code (8-Bit DAC) TEMPERATURE ( C) 5 4 –3 –4 0 –2 3 2 –5 –60 –40 –20 0 20 40 60 80 100 120 140 –1 1 VDD = 5V VDD = 2.5V VREF = 10V TPC 4. Gain Error vs. Temperature –0.5 –0.3 –0.1 0.1 0.3 0.5 VBIAS (V) 1.0 0.5 1.5 2.0 2.5 MAX INL MIN INL MAX DNL MIN DNL VDD = 5V VREF = 0V TPC 7. Linearity vs. VBIAS Voltage Applied to IOUT2 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 –40 –20 0 20 40 60 80 100 120 TEMPERATURE ( C) IOUT1 VDD 5V IOUT1 VDD 3V 1.6 TPC 3. IOUT1 Leakage Current vs. Temperature –0.4 –0.2 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 VBIAS (V) 0.5 1.0 1.5 GAIN ERROR OFFSET ERROR TA = 25 C VDD = 3V VREF = 0V TPC 6. Gain and Offset Errors vs. VBIAS Voltage Applied to IOUT2 –4.0 –2.0 0 2.0 4.0 6.0 8.0 10.0 00.5 1.0 1.5 2.0 2.5 VBIAS (V) GAIN ERROR OFFSET ERROR TA = 25 C VDD = 5V VREF = 2.5V TPC 9. Gain and Offset Errors vs. VBIAS Voltage Applied to IOUT2 CODE 0.20 0.15 0.10 0.05 –0.10 –0.05 0 –0.15 –0.20 0 50 100 150 200 250 TA = 25 C VREF = 10V VDD = 5V TPC 2. DNL vs. Code (8-Bit DAC) –0.5 –0.3 –0.1 0.1 0.3 0.5 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2 1.3 1.4 1.5 VBIAS (V) MAX INL MIN INL MAX DNL MIN DNL TA = 25 C VDD = 3V VREF = 0V TPC 5. Linearity vs. VBIAS Voltage Applied to IOUT2 –0.5 0 0.5 1.0 1.5 2.0 2.5 VBIAS (V) 1.0 0.5 1.5 2.0 2.5 GAIN ERROR OFFSET ERROR VDD = 5V VREF = 0V TPC 8. Gain and Offset Errors vs. Voltage Applied to IOUT2 |
Número de pieza similar - AD5425 |
|
Descripción similar - AD5425 |