Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

2700606 Datasheet(PDF) 3 Page - PHOENIX CONTACT

No. de Pieza. 2700606
Descripción  Safety-related digital output module, IP20 protection, for the SafetyBridge system. The module has four safe digital outputs with two-channel occupancy or 8 safe digital outputs with single-channel occupancy
Descarga  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  PHOENIX [PHOENIX CONTACT]
Página de inicio  http://www.phoenixcontact.com
Logo 

2700606 Datasheet(HTML) 3 Page - PHOENIX CONTACT

   
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
https://www.phoenixcontact.com/us/produkte/2700606
18.03.2013   Page 3 / 6
Safety module - IB IL 24 LPSDO 8 V2-PAC - 2700606
Technical data
General data
Air pressure (operation)
80 kPa ... 108 kPa (up to 2000 m above sea level)
Air pressure (storage/transport)
66 kPa ... 108 kPa (up to 3500 m above mean sea level)
Degree of protection
IP20
Protection class
III, IEC 61140, EN 61140, VDE 0140-1
Test section
5 V supply, incoming remote bus/7.5 V supply (bus logics) 500 V AC
50 Hz 1 min
Test section
5 V supply, outgoing remote bus/7.5 V supply (bus logics) 500 V AC
50 Hz 1 min
Test section
7.5 V supply (bus logics)/24 V supply (I/O) 500 V AC 50 Hz 1 min
Test section
24 V supply (I/O) / functional earth ground 500 V AC 50 Hz 1 min
Category according to EN 13849-1
4
Diagnostics messages
Short-circuit / overload of the digital outputs Error message in
diagnostics code (bus) and display by means of the LED on the
motor
Inline potential routing
Communications power UL
7.5 V DC (see safety data)
Current consumption from UL
max. 230 mA (see safety data)
Main circuit supply UM
24 V DC (see safety data)
Supply voltage range UM
19.2 V DC ... 30 V DC (including all tolerances, including ripple)
Current consumption from UM
typ. 30 mA (all outputs set including actuator current)
Current consumption from UM
max. 6.03 A
Segment supply voltage US
24 V (see safety data)
Classifications
ETIM
ETIM 2.0
EC001433
ETIM 3.0
EC001599
ETIM 4.0
EC001599
ETIM 5.0
EC001601
UNSPSC
UNSPSC 11
39121311
UNSPSC 12.01
39121311
UNSPSC 13.2
39121311
UNSPSC 6.01
43172015
UNSPSC 7.0901
43201404


Html Pages

1  2  3  4  5  6 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn