Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

2700606 Datasheet(PDF) 5 Page - PHOENIX CONTACT

No. de Pieza. 2700606
Descripción  Safety-related digital output module, IP20 protection, for the SafetyBridge system. The module has four safe digital outputs with two-channel occupancy or 8 safe digital outputs with single-channel occupancy
Descarga  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  PHOENIX [PHOENIX CONTACT]
Página de inicio  http://www.phoenixcontact.com
Logo 

2700606 Datasheet(HTML) 5 Page - PHOENIX CONTACT

   
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
https://www.phoenixcontact.com/us/produkte/2700606
18.03.2013   Page 5 / 6
Safety module - IB IL 24 LPSDO 8 V2-PAC - 2700606
Accessories
Marking
Labeling field - IB IL FIELD 2 - 2727501
Labeling field, width: 12.2 mm
 
 
Labeling field - IB IL FIELD 8 - 2727515
Labeling field, width: 48.8 mm
 
 
Insert strip - ESL 62X10 - 0809492
Insert strip, Sheet, white, Unlabeled, Can be labeled with: Office-Drucksysteme, Plotter: Laser printer, Mounting
type: Insert, Lettering field: 62 x 10 mm
 
 
Insert strip - ESL 62X46 - 0809502
Insert strip, Sheet, white, Unlabeled, Can be labeled with: Office-Drucksysteme, Plotter: Laser printer, Mounting
type: Insert, Lettering field: 62 x 46 mm
 
 
Plug/Adapter
Connector set - IB IL 24 SDO 8-PLSET/CP - 2916927
Connector set (yellow), color coded, for safe SDO boards.
 
 


Html Pages

1  2  3  4  5  6 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn