Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

2700606 Datasheet(PDF) 1 Page - PHOENIX CONTACT

No. de Pieza. 2700606
Descripción  Safety-related digital output module, IP20 protection, for the SafetyBridge system. The module has four safe digital outputs with two-channel occupancy or 8 safe digital outputs with single-channel occupancy
Descarga  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  PHOENIX [PHOENIX CONTACT]
Página de inicio  http://www.phoenixcontact.com
Logo 

2700606 Datasheet(HTML) 1 Page - PHOENIX CONTACT

   
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
https://www.phoenixcontact.com/us/produkte/2700606
18.03.2013   Page 1 / 6
Safety module - IB IL 24 LPSDO 8 V2-PAC - 2700606
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the
user's documentation. Our General Terms of Use for Downloads are valid
(http://download.phoenixcontact.com)
Safety-related digital output module, IP20 protection, for the SafetyBridge system. The module has four
safe digital outputs with two-channel occupancy or 8 safe digital outputs with single-channel occupancy
Product description
The safety module is an output module from the Inline product range and is used in a SafetyBridge system. The safety module can be
used as a part of an Inline station at any point within an INTERBUS, PROFINET or PROFIBUS system. The transmission speed of the
safety module can be set to 500 kbaud or 2 Mbaud using a switch. Only one transmission speed must be used uniformly within a station.
The module has four safe digital outputs with two-channel occupancy or eight safe digital outputs with single-channel occupancy. In
the SafetyBridge system, you can achieve the following safety integrity by using this safety module depending on the installation and
parameterization:
– up to category 4 according to EN 954-1 standard,
– up to SIL 3 according to EN 61508 standard,
– up to SIL CL 3 according to EN 62061 standard,
– up to PL e according to EN ISO 13849-1 standard.  
Product Features
 Generation and monitoring of the SafetyBridge protocol
 Processing of the parameterized safety logic
Key commercial data
GTIN
Technical data
Note:
Utilization restriction
EMC: class A product, see manufacturer's declaration in the
download area
Interface
Fieldbus system
Lokalbus
Name
INTERBUS
Connection method
Inline data jumper
Transmission speed
500 kbaud/2 Mbaud, can be selected
Transmission speed
500 kBit/s / 2MBit/s
Digital outputs


Html Pages

1  2  3  4  5  6 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn