Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

2700606 Datasheet(PDF) 2 Page - PHOENIX CONTACT

No. de Pieza. 2700606
Descripción  Safety-related digital output module, IP20 protection, for the SafetyBridge system. The module has four safe digital outputs with two-channel occupancy or 8 safe digital outputs with single-channel occupancy
Descarga  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  PHOENIX [PHOENIX CONTACT]
Página de inicio  http://www.phoenixcontact.com
Logo 

2700606 Datasheet(HTML) 2 Page - PHOENIX CONTACT

   
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
https://www.phoenixcontact.com/us/produkte/2700606
18.03.2013   Page 2 / 6
Safety module - IB IL 24 LPSDO 8 V2-PAC - 2700606
Technical data
Digital outputs
Output name
Digital outputs
Connection method
Spring-cage connection
Connection method
2, 3, 4-wire
Number of outputs
4 (with two-channel assignment)
Number of outputs
8
Protective circuit
Overload protection, short-circuit protection of outputs
Output voltage
24 V DC (US - 1 V)
Nominal output voltage
24 V DC
Output current
max. 6 A (Total current of all outputs, -25 °C ... 50 °C)
Output current
max. 4 A (Total current of all outputs, >50 °C ... 55 °C)
Maximum output current per channel
2 A
Maximum output current per group
3 A
Nominal load, inductive
(see safety data)
Nominal load, lamp
(see safety data)
Nominal load, ohmic
(see safety data)
Power supply for module electronics
Supply voltage
24 V DC (via voltage jumper)
Supply voltage range
19.2 V DC ... 30 V DC
Communications power UL
7.5 V (via voltage jumper)
Current consumption
max. 230 mA (from the local bus)
SafetyBridge properties
Connection to I/O modules
max. 5 (safe digital I/O modules)
Logic memory
24 kByte
General data
Width
48.8 mm
Height
119.8 mm
Depth
71.5 mm
Note on dimensions
Housing dimensions
Weight
200 g
Note on weight specifications
with male connectors
Mounting type
DIN rail
Ambient temperature (operation)
-25 °C ... 55 °C
Ambient temperature (storage/transport)
-25 °C ... 70 °C
Permissible humidity (operation)
10 % ... 85 % (Take suitable measures against increased air humidity
within the permitted temperature range.)
Permissible humidity (storage/transport)
10 % ... 85 % (Take suitable measures against increased air humidity
within the permitted temperature range.)


Html Pages

1  2  3  4  5  6 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn