Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ISL4489EIBZ-T Datasheet(PDF) 1 Page - Intersil Corporation |
|
ISL4489EIBZ-T Datasheet(HTML) 1 Page - Intersil Corporation |
1 / 12 page 1 ® FN6074.2 ISL4489E, ISL4491E ±15kV ESD Protected, 1/8 Unit Load, 5V, Low Power, High Speed and Slew Rate Limited, Full Duplex, RS-485/RS-422 Transceivers The ISL4489E, ISL4491E are ESD protected, “fractional” unit load, BiCMOS, 5V powered, single transceivers that meet both the RS-485 and RS-422 standards for balanced communication. Each driver output and receiver input is protected against ±15kV ESD strikes, without latch-up. Unlike competitive versions, these Intersil devices are specified for 10% tolerance supplies (4.5V to 5.5V). Rx inputs and Tx outputs present a “1/8 unit load” to the RS-485 bus, which allows a total of 256 transmitters and receivers on the network for large node count systems. These devices are configured for full duplex (separate Rx input and Tx output pins) applications, so they are ideal for RS-422 networks requiring high ESD tolerance on the bus pins. The ISL4489E utilizes a slew rate limited driver which reduces EMI, and minimizes reflections from improperly terminated transmission lines, or unterminated stubs in multidrop and multipoint applications. Data rates up to 15Mbps are achievable by using the ISL4491E, which features higher slew rates. Receiver (Rx) inputs feature a “fail-safe if open” design, which ensures a logic high Rx output if Rx inputs are floating. Driver (Tx) outputs are short circuit protected, even for voltages exceeding the power supply voltage. Additionally, on-chip thermal shutdown circuitry disables the Tx outputs to prevent damage if power dissipation becomes excessive. Features • Pb-free Available as an Option (RoHS Compliant) (See Ordering Info) • RS-485 I/O Pin ESD Protection . . . . . . . . . . . . . ±15kV HBM - Class 3 ESD Level on all Other Pins . . . . . . >7kV HBM • 1/8 Unit Load Allows up to 256 Devices on the Bus • High Data Rates (ISL4491E) . . . . . . . . . . . up to 15Mbps • Slew Rate Limited Version for Error Free Data Transmission (ISL4489E) • Very Low Quiescent Current: -140µA (ISL4489E) -370µA (ISL4491E) • -7V to +12V Common Mode Input Voltage Range • Three-State Rx and Tx Outputs • Full Duplex Pinout • Operates from a Single +5V Supply (10% Tolerance) • Current Limiting and Thermal Shutdown for driver Overload Protection Applications • Factory Automation • Security Networks • Building Environmental Control Systems • Industrial/Process Control Networks • Level Translators (e.g., RS-232 to RS-422) • RS-232 “Extension Cords” TABLE 1. SUMMARY OF FEATURES PART NUMBER HALF/FULL DUPLEX HIGH ESD? NO. OF DEVICES ALLOWED ON BUS DATA RATE (Mbps) SLEW-RATE LIMITED? RECEIVER/ DRIVER ENABLE? QUIESCENT ICC (µA) PIN COUNT ISL4489E Full Yes 256 0.25 Yes Yes 140 14 ISL4491E Full Yes 256 15 No Yes 370 14 Data Sheet October 27, 2004 CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures. 1-888-INTERSIL or 321-724-7143 | Intersil (and design) is a registered trademark of Intersil Americas Inc. Copyright © Intersil Americas Inc. 2004. All Rights Reserved. All other trademarks mentioned are the property of their respective owners. |
Número de pieza similar - ISL4489EIBZ-T |
|
Descripción similar - ISL4489EIBZ-T |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |