Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LB1988N Datasheet(PDF) 2 Page - Sanyo Semicon Device

No. de pieza LB1988N
Descripción Electrónicos  Three-Phase Sensorless Motor Driver Loading Motor Driver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANYO [Sanyo Semicon Device]
Página de inicio  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1988N Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LB1988N Datasheet HTML 1Page - Sanyo Semicon Device LB1988N Datasheet HTML 2Page - Sanyo Semicon Device LB1988N Datasheet HTML 3Page - Sanyo Semicon Device LB1988N Datasheet HTML 4Page - Sanyo Semicon Device LB1988N Datasheet HTML 5Page - Sanyo Semicon Device LB1988N Datasheet HTML 6Page - Sanyo Semicon Device LB1988N Datasheet HTML 7Page - Sanyo Semicon Device LB1988N Datasheet HTML 8Page - Sanyo Semicon Device LB1988N Datasheet HTML 9Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
No. 6185-2/9
LB1988N
Parameter
Symbol
Conditions
Ratings
Unit
Supply voltage 1
VCC
8 to 13.8
V
Supply voltage 2
VCCL
8 to 13.8
V
Supply voltage 3
VREG
4 to 6
V
Allowable Operating Ranges at Ta = 25°C
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Supply voltage 1
ICC
VC = 0 V, XIN = YIN = 0 V
6.5
10
mA
Supply voltage 2
ICCL
VC = 0 V, XIN = YIN = 0 V
1
mA
Supply voltage 3
IREG
VC = 0 V, XIN = YIN = 0 V
6.5
10
mA
Output saturation voltage 1
VOSAT1IO = 0.4 A, source + sink
1.4
2.0
V
Output saturation voltage 2
VOSAT2IO = 0.8 A, source + sink
1.8
2.6
V
MC pin common-mode input voltage range
VIC
0VCC – 2
V
VC pin input bias current
IVC
VC = 0 V
–2
–1
µA
Control start voltage
VTHVC
VRF = 10 mV
2.4
2.5
2.6
V
Closed loop control gain
GMVC
RF = 0.5
0.75
0.95
1.15
A/V
PCOUT output current 1
IPCOU
Source side
–90
µA
PCOUT output current 2
IPCOD
Sink side
90
µA
VCOIN input current
IVCOIN
VCOIN = 5 V
0.1
0.2
µA
Minimum VCO frequency
fVCOMIN CX = 0.022 µF, VCOIN = open
400
Hz
Maximum VCO frequency
fVCOMAX CX = 0.022 µF, VCOIN = 5 V
18.5
kHz
C1/C2 source current ratio
RSOURCE IC1SOURCE/IC2SOURCE
–12
+12
%
C1/C2 sink current ratio
RSINK
IC1SINK/IC2SINK
–12
+12
%
C1 source/sink current ratio
RC1
IC1SOURCE/IC1SINK
–35
+15
%
C2 source/sink current ratio
RC2
IC2SOURCE/IC2SINK
–35
+15
%
Thermal shutdown operating temperature
TTSD
*
150
180
210
°C
Thermal shutdown hysteresis
∆TTSD
*
15
°C
Electrical Characteristics at Ta = 25°C, VCC = VCCL = 12 V, VREG = 5 V
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Back EMF FG
Output on voltage
VOL
0.4
V
Output off voltage
VOH
4.5
V
PG amplifier
Input offset voltage
VIO
–8
+8
mV
Input bias current
IBIN
–250
nA
Common-mode input voltage range
VICOM
*
1
3.5
V
Open-loop gain
GVPG
f = 1 kHz
55
dB
Output on voltage
VOL
0.4
V
Output off voltage
VOH
4.5
V
Schmitt amplifier hysteresis
VSHIS
70
93
115
mV
FG and PG Amplifier Block at Ta = 25°C, VCC = VCCL = 12 V, VREG = 5 V
Note: Items marked with an asterisk are design target values and are not tested.
Continued on next page.


Número de pieza similar - LB1988N

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LB1980 SANYO-LB1980 Datasheet
167Kb / 6P
   3-Phase Brushless Motor Driver for VCR Capstan Motors
LB1980H SANYO-LB1980H Datasheet
140Kb / 8P
   Three-Phase Brushless Motor Driver for VCR Capstan Motors
LB1980H SANYO-LB1980H Datasheet
111Kb / 7P
   For VCR Capstan Motors 3-Phase Brushless Motor Driver
logo
ON Semiconductor
LB1980H ONSEMI-LB1980H Datasheet
111Kb / 7P
   3-Phase Brushless Motor Driver
May, 2013
logo
Sanyo Semicon Device
LB1980H SANYO-LB1980H_07 Datasheet
111Kb / 7P
   For VCR Capstan Motors 3-Phase Brushless Motor Driver
More results

Descripción similar - LB1988N

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LB11880 SANYO-LB11880 Datasheet
91Kb / 9P
   Three-Phase Sensorless Motor Driver with Loading Motor Driver
LB11683H SANYO-LB11683H Datasheet
101Kb / 7P
   Three-Phase Sensorless Motor Driver
logo
ON Semiconductor
LB11683H-TLM-E ONSEMI-LB11683H-TLM-E Datasheet
95Kb / 7P
   Three-Phase Sensorless Motor Driver
May, 2013
LB11683H-TLM-E ONSEMI-LB11683H-TLM-E Datasheet
95Kb / 7P
   Three-Phase Sensorless Motor Driver
May, 2013
logo
Sanyo Semicon Device
LB11981 SANYO-LB11981 Datasheet
46Kb / 7P
   Three-Phase Sensorless Motor Driver
LB1950V SANYO-LB1950V Datasheet
190Kb / 9P
   Three-Phase Brushless Sensorless Motor Driver
LB1885M SANYO-LB1885M Datasheet
145Kb / 5P
   Three-Phase Bipolar Brushless/Sensorless Motor Driver
LB1989 SANYO-LB1989 Datasheet
117Kb / 9P
   Three-Phase Sensorless VCR Drum Motor Driver
logo
Diodes Incorporated
AM9800 DIODES-AM9800 Datasheet
563Kb / 11P
   Three Phase Direct PWM Sensorless Motor Driver
logo
ON Semiconductor
LV8850GA ONSEMI-LV8850GA Datasheet
287Kb / 14P
   Three-Phase sensorless FAN Motor Pre-Driver
July, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com